Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9331H Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA9331H
Description  I2C-bus controlled TV display processors
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9331H Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA9331H Datasheet HTML 1Page - NXP Semiconductors TDA9331H Datasheet HTML 2Page - NXP Semiconductors TDA9331H Datasheet HTML 3Page - NXP Semiconductors TDA9331H Datasheet HTML 4Page - NXP Semiconductors TDA9331H Datasheet HTML 5Page - NXP Semiconductors TDA9331H Datasheet HTML 6Page - NXP Semiconductors TDA9331H Datasheet HTML 7Page - NXP Semiconductors TDA9331H Datasheet HTML 8Page - NXP Semiconductors TDA9331H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 56 page
background image
2002 Jun 04
2
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV display processors
TDA933xH series
FEATURES
Available in all ICs:
• Can be used in both single scan (50 or 60 Hz) and
double scan (100 or 120 Hz) applications
• YUV input and linear RGB input with fast blanking
• Separate OSD/text input with fast blanking or blending
• Black stretching of non-standard luminance signals
• Switchable matrix for the colour difference signals
• RGB control circuit with Continuous Cathode Calibration
(CCC), plus white point and black level offset
adjustment
• Blue stretch circuit which offsets colours near white
towards blue
• Internal clock generation for the deflection processing,
which is synchronized by a 12 MHz ceramic resonator
oscillator
• Horizontal synchronization with two control loops and
alignment-free horizontal oscillator
• Slow start and slow stop of the horizontal drive pulses
• Low-power start-up option for the horizontal drive circuit
• Vertical count-down circuit
• Vertical driver optimized for DC-coupled vertical output
stages
• Vertical and horizontal geometry processing
• Horizontal and vertical zoom possibility and vertical
scroll function for application with 16 : 9 picture tubes
• Horizontal parallelogram and bow correction
• I2C-bus control of various functions
• Low dissipation.
GENERAL DESCRIPTION
The TDA933xH series are display processors for
‘High-end’ television receivers which contain the following
functions:
• RGB control processor with Y, U and V inputs, a linear
RGB input for SCART or VGA signals with fast blanking,
a linear RGB input for OSD and text signals with a fast
blanking or blending option and an RGB output stage
with black current stabilization, which is realized with the
CCC (2-point black current measurement) system.
• Programmable deflection processor with internal clock
generation, which generates the drive signals for the
horizontal, East-West (E-W) and vertical deflection.
The circuit has various features that are attractive for the
application of 16 : 9 picture tubes.
• The circuit can be used in both single scan (50 or 60 Hz)
and double scan (100 or 120 Hz) applications.
In addition to these functions, the TDA9331H and
TDA9332H have a multi-sync function for the horizontal
PLL, with a frequency range from 30 to 50 kHz (2fH mode)
or 15 to 25 kHz (1fH mode), so that the ICs can also be
used to display SVGA signals.
The supply voltage of the ICs is 8 V. They are each
contained in a 44-pin QFP package.
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA9330H
QFP44
plastic quad flat package; 44 leads (lead length 1.3 mm);
body 10
× 10 × 1.75 mm
SOT307-2
TDA9331H
TDA9332H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com