Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9331H Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9331H
Description  I2C-bus controlled TV display processors
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9331H Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9331H Datasheet HTML 9Page - NXP Semiconductors TDA9331H Datasheet HTML 10Page - NXP Semiconductors TDA9331H Datasheet HTML 11Page - NXP Semiconductors TDA9331H Datasheet HTML 12Page - NXP Semiconductors TDA9331H Datasheet HTML 13Page - NXP Semiconductors TDA9331H Datasheet HTML 14Page - NXP Semiconductors TDA9331H Datasheet HTML 15Page - NXP Semiconductors TDA9331H Datasheet HTML 16Page - NXP Semiconductors TDA9331H Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
2002 Jun 04
13
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV display processors
TDA933xH series
Table 15 Cathode drive level (15 steps; 3.6 V/step)
Note
1. The given values are valid for the following conditions:
a) Nominal CVBS input signal.
b) Settings for contrast and white point nominal.
c) Black and blue stretch switched off.
d) Gain of output stage such that no clipping occurs.
e) Beam current limiting not active.
f) Gamma of picture tube is 2.25.
g) The tolerance on these values is approximately
±3V.
Table 16 RGB blanking mode
Table 17 Picture tube discharge time
Note
1. See Chapter “Characteristics”; Fig.15
Table 18 Gain of luminance channel
Table 19 Standby
Table 20 Position of wide blanking (14 steps; 1fH mode
0.29
µs/step; 2f
H mode 0.145 µs/step)
Note
1. See Chapter “Characteristics”; note 13.
Table 21 Horizontal free-running frequency in TV mode
Table 22 Vertical scan reference in 2fH TV mode
Table 23 Time constant phase-1 loop
Table 24 Synchronization mode
Table 25 Overvoltage input mode
CL3
CL2
CL1
CL0
SETTING OF CATHODE
DRIVE AMPLITUDE(1)
0000
41 V (b-w)
1000
70 V (b-w)
1111
95 V (b-w)
HBL
MODE
0
normal blanking (horizontal flyback)
1
wide blanking
TFBC
MODE
0
18.6 ms
1
25 ms
GAI
MODE
0
normal gain [V28 = 1 V (b-w)]
1
high gain [V28 = 0.45 V (p-p)]
STB0
STB1
CONDITION
0
0
horizontal drive off
0
1
no action
1
0
no action
1
1
horizontal drive on
HB3
HB2
HB1
HB0
TIMING OF BLANKING(1)
1fH MODE
2fH MODE
00
0
0
−2.03 µs
−1.015 µs
01
1
1
0
µs0 µs
11
1
−
2.03
µs
1.015
µs
HDTV
CDTV
FREQUENCY
1fH MODE
2fH MODE
0
0
15.7 kHz
31.4 kHz
0
1
14.25 kHz
28.5 kHz
1
−
16.9 kHz
33.8 kHz
VSR
VERTICAL SCAN REFERENCE
0
end of VD pulse
1
start of VD pulse
FAST
TIME CONSTANT
0
normal
1
increased by 30%
POC
MODE
0
synchronization active
1
synchronization not active
PRD
OVERVOLTAGE MODE
0
detection mode
1
protection mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com