Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9331H Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9331H
Description  I2C-bus controlled TV display processors
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9331H Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9331H Datasheet HTML 17Page - NXP Semiconductors TDA9331H Datasheet HTML 18Page - NXP Semiconductors TDA9331H Datasheet HTML 19Page - NXP Semiconductors TDA9331H Datasheet HTML 20Page - NXP Semiconductors TDA9331H Datasheet HTML 21Page - NXP Semiconductors TDA9331H Datasheet HTML 22Page - NXP Semiconductors TDA9331H Datasheet HTML 23Page - NXP Semiconductors TDA9331H Datasheet HTML 24Page - NXP Semiconductors TDA9331H Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
2002 Jun 04
21
Philips Semiconductors
Preliminary specification
I2C-bus controlled TV display processors
TDA933xH series
∆Vbl
relative variation in black level
between the three channels during
variations of
note 5
supply voltage (
±10%)
nominal controls
−−
20
mV
saturation (50 dB)
nominal contrast
−−
20
mV
contrast (20 dB)
nominal saturation
−−
20
mV
brightness (
±0.5 V)
nominal controls
−−
20
mV
temperature (range 40
°C)
−−
20
mV
S/N
signal-to-noise ratio of the output
signals
notes 5 and 17
60
−−
dB
Bo(Y)(10pF)
luminance bandwidth of output
signals
with 10pF load
capacitance; note 12
luminance input; at
−3dB 30
33
−
MHz
RGB-1 input; at
−3dB
28
31
−
MHz
RGB-2 input; at
−3dB
27
29
−
MHz
Bo(Y)(25pF)
luminance bandwidth of output
signals
with 25pF load capacitance
luminance input; at
−3dB 28
31
−
MHz
RGB-1 input; at
−3dB
27
30
−
MHz
RGB-2 input; at
−3dB
24
26
−
MHz
WHITE-POINT ADJUSTMENT
I2Cnom
I2C-bus setting for nominal gain
−
32 DEC
−
∆G
RGB
adjustment range of RGB drive
levels
CL control bits; see
Table 15
±3.2
±3.6
±4.0
dB
∆G
v
gain control range to compensate
spreads in picture tube
characteristics
white point controls
−±3
−
dB
2-POINT BLACK CURRENT STABILIZATION; INPUT PIN 44; note 18
Iref(l)
amplitude of low reference current
−
8
−µA
Iref(h)
amplitude of high reference current
−
20
−µA
IL
acceptable leakage current
−±100
−µA
VIref
voltage on measurement pin
pin 44; loop closed
3.15
3.3
3.45
V
Iscan(max)
maximum current during scan
pin 44; loop open circuit
note 18
−−
−
BEAM CURRENT LIMITING; INPUT PIN 43
Vbias
internal bias voltage
3.5
3.6
3.7
V
VCR
contrast reduction starting voltage
3.1
3.3
3.5
V
Vdif(CR)
voltage difference for full contrast
reduction
2.0
2.2
2.4
V
Vbri
brightness reduction starting
voltage
1.6
1.8
2.0
V
Vdif(BR)
voltage difference for full brightness
reduction
−
1
−
V
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com