Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5321ARKZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADL5321ARKZ-R7
Description  2.3 GHz to 4.0 GHz 쩌 Watt RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321ARKZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADL5321ARKZ-R7 Datasheet HTML 3Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADL5321
Rev. C | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 4. Gain, P1dB, OIP3, and Noise Figure vs. Frequency,
2.5 GHz to 2.7 GHz
Figure 5. Gain vs. Frequency and Temperature, 2.5 GHz to 2.7 GHz
Figure 6. Reverse Isolation (S12), Input Return Loss (S11), and
Output Return Loss (S22) vs. Frequency, 2.2 GHz to 2.9 GHz
Figure 7. OIP3 and P1dB vs. Frequency and Temperature,
2.5 GHz to 2.7 GHz
Figure 8. OIP3 vs. POUT and Frequency, 2.5 GHz to 2.7 GHz
Figure 9. Noise Figure vs. Frequency and Temperature, 2.2 GHz to 2.9 GHz
45
40
35
30
25
20
15
10
5
0
FREQUENCY (GHz)
NOISE FIGURE
GAIN
P1dB
OIP3 (5dBm)
2.500
2.525
2.550
2.575
2.600
2.625
2.650
2.675
2.700
16.0
15.5
15.0
14.5
14.0
13.5
13.0
12.5
12.0
11.5
–40°C
+85°C
+25°C
FREQUENCY (GHz)
2.500
2.525
2.550
2.575
2.600
2.625
2.650
2.675
2.700
–24.0
–24.2
–24.4
–24.6
–24.8
–25.0
–25.2
–25.4
–25.6
–25.8
–26.0
0
–2
–4
–6
–8
–10
–12
–14
–16
FREQUENCY (GHz)
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
S12
S11
S22
42
41
40
39
38
37
36
35
34
30
29
28
27
26
25
24
FREQUENCY (GHz)
P1dB (–40°C)
P1dB (+85°C)
OIP3 (+85°C)
OIP3 (+25°C)
OIP3 (–40°C)
P1dB (+25°C)
2.500
2.525
2.550
2.575
2.600
2.625
2.650
2.675
2.700
46
44
42
40
38
36
34
32
30
–4
–2
0
2
4
6
8
10
12
14
16
18
20
22
POUT (dBm)
2.5GHz
2.7GHz
2.6GHz
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
FREQUENCY (GHz)
2.2
2.3
2.4
2.5
2.6
+85°C
+25°C
–40°C
2.7
2.8
2.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com