Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5321ARKZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADL5321ARKZ-R7
Description  2.3 GHz to 4.0 GHzWatt RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321ARKZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADL5321ARKZ-R7 Datasheet HTML 4Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADL5321
Data Sheet
Rev. C | Page 8 of 16
Figure 10. Gain, P1dB, OIP3, and Noise Figure vs. Frequency,
3.4 GHz to 3.6 GHz
Figure 11. Gain vs. Frequency and Temperature, 3.4 GHz to 3.6 GHz
Figure 12. Reverse Isolation (S12), Input Return Loss (S11), and
Output Return Loss (S22) vs. Frequency, 3.2 GHz to 4.0 GHz
Figure 13. OIP3 and P1dB vs. Frequency and Temperature,
3.4 GHz to 3.6 GHz
Figure 14. OIP3 vs. POUT and Frequency, 3.4 GHz to 3.6 GHz
Figure 15. Noise Figure vs. Frequency and Temperature,
3.2 GHz to 4.0 GHz
3.400
3.425
3.450
3.475
3.500
3.525
3.550
3.575
3.600
45
40
35
30
25
20
15
10
5
0
FREQUENCY (GHz)
GAIN
P1dB
OIP3 (5dBm)
NOISE FIGURE
3.400
3.425
3.450
3.475
3.500
3.525
3.550
3.575
3.600
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.0
FREQUENCY (GHz)
–40°C
+85°C
+25°C
–25
–26
–27
–28
–29
–30
–31
–32
–33
–34
–35
0
–5
–10
–15
–20
–25
–30
FREQUENCY (MHz)
3.2
3.3
3.4
3.6
3.5
3.7
3.8
3.9
4.0
S11
S12
S22
42
41
40
39
38
37
36
35
34
33
32
30
29
28
27
26
25
24
FREQUENCY (MHz)
3.400
3.425
3.450
3.475
3.500
3.525
3.550
3.575
3.600
P1dB (–40°C)
P1dB (+85°C)
OIP3 (+25°C)
OIP3 (+85°C)
OIP3 (–40°C)
P1dB (+25°C)
42
40
38
36
34
32
30
–4
–2
0
2
4
6
8
10
12
14
16
18
20
22
POUT (dBm)
3.6GHz
3.5GHz
3.4GHz
8.5
8.0
7.5
7.0
6.5
6.0
5.5
5.0
4.5
4.0
3.5
3.0
2.5
FREQUENCY (GHz)
3.2
3.3
3.4
3.5
3.6
3.7
3.8
3.9
4.0
–40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com