Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADL5321ARKZ-R7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5321ARKZ-R7
Description  2.3 GHz to 4.0 GHz 쩌 Watt RF Driver Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5321ARKZ-R7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5321ARKZ-R7 Datasheet HTML 5Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 6Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 7Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 8Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 9Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 10Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 11Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 12Page - Analog Devices ADL5321ARKZ-R7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADL5321
Rev. C | Page 9 of 16
Figure 16. OIP3 Distribution at 2.6 GHz
Figure 17. P1dB Distribution at 2.6 GHz
Figure 18. Gain Distribution at 2.6 GHz
Figure 19. Noise Figure (NF) Distribution at 2.6 GHz
Figure 20. Supply Current vs. Temperature and Supply Voltage
(Using 2.6 GHz Matching Components)
Figure 21. Supply Current vs. POUT 3.3 V and 5 V
(2.6 GHz Matching Components)
30
25
20
15
10
5
0
OIP3 (dBM)
35
30
25
20
15
10
5
0
P1dB (dBM)
35
30
25
20
15
10
5
0
GAIN (dB)
30
25
20
15
10
5
0
NF (dB)
3.76
3.84
3.92
4.00
4.08
3.80
3.88
3.96
4.04
4.12 4.16
110
105
100
95
90
85
80
75
70
TEMPERATURE (°C)
–40 –30
–20 –10
0
10
20
30
40
50
60
70
80
5.25V
5.0V
4.75V
220
20
–6
28
POUT (dBm)
40
60
80
100
120
140
160
180
200
–4 –2
0
2
4
6
8 10 12 14 16 18 20 22 24 26
5V
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com