Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26PQR Datasheet(PDF) 13 Page - STMicroelectronics

Part # LNBH26PQR
Description  Dual LNBS supply and control IC with step-up and I짼C interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26PQR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LNBH26PQR Datasheet HTML 9Page - STMicroelectronics LNBH26PQR Datasheet HTML 10Page - STMicroelectronics LNBH26PQR Datasheet HTML 11Page - STMicroelectronics LNBH26PQR Datasheet HTML 12Page - STMicroelectronics LNBH26PQR Datasheet HTML 13Page - STMicroelectronics LNBH26PQR Datasheet HTML 14Page - STMicroelectronics LNBH26PQR Datasheet HTML 15Page - STMicroelectronics LNBH26PQR Datasheet HTML 16Page - STMicroelectronics LNBH26PQR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LNBH26
Pin configuration
Doc ID 022771 Rev 1
13/38
Pin
Symbol
Name
Pin function
10
VUP-B
Channel B
step-up voltage
Input of channel B linear post-regulator. The voltage on this pin is
monitored by the internal channel B step-up controller to keep a minimum
dropout across the linear pass transistor.
11
VOUT-B
Channel B,
LNB output port
Output of channel B integrated very low drop linear regulator. See
Table 14 for voltage selection and description.
12
DETIN-B
Tone detector
input
Channel B, 22 kHz tone decoder input, must be AC coupled to the
DiSEqC 2.0 bus. Set to ground if not used.
13
BPSW-B
Switch control
To be connected to an external transistor to be used to bypass the
channel B output RL filter needed in DiSEqC 2.x applications during the
DiSEqC transmitting mode (see
Section 5). Set to ground if not used.
Open drain pin.
14
N.C.
Not internally
connected
Not internally connected pin. Set floating if not used.
15
GND
Analog ground
Analog circuits ground. To be connected directly to the exposed pad.
16
BYP
Bypass capacitor
Needed for internal pre-regulator filtering. The BYP pin is intended only to
connect an external ceramic capacitor. Any connection of this pin to
external current or voltage sources may cause permanent damage to the
device.
17
VCC
Supply input
8 to 16 V IC DC-DC power supply.
18
BPSW-A
Switch control
To be connected to an external transistor to be used to bypass the
channel A output RL filter needed in DiSEqC 2.x applications during the
DiSEqC transmitting mode (see
Section 5). Set to ground if not used.
Open drain pin.
19
DETIN-A
Tone detector
input
Channel A, 22 kHz tone decoder input, must be AC coupled to the
DiSEqC 2.0 bus. Set to ground if not used.
20
VOUT-A
Channel A,
LNB output port
Output of channel A integrated very low drop linear regulator. See
Table 14 for voltage selection and description.
21
VUP-A
Channel A
step-up voltage
Input of channel A linear post-regulator. The voltage on this pin is
monitored by the internal channel A step-up controller to keep a minimum
dropout across the linear pass transistor.
22
DSQIN-A
DSQIN for
DiSEqC envelope
input
or
external 22 kHz
TTL input
It is intended for channel A 22 kHz tone control.
It can be used as DiSEqC envelope input or external 22 kHz TTL input
depending on the EXTM-A I²C bit setting as follows:
If EXTM-A=0, TEN-A=1: it accepts the DiSEqC envelope code from the
main microcontroller. The LNBH26 uses this code to modulate the
internally generated 22 kHz carrier.
If EXTM-A=TEN-A=1: it accepts external 22 kHz logic signals which
activate the 22 kHz tone output (refer to
Section 2.2).
Pull up high if the tone output is activated only by the TEN-A I²C bit.
23
DSQOUT-A
DiSEqC output
Open drain output of channel A tone detector to the main microcontroller
for DiSEqC 2.0 data decoding. It is low when tone is detected to the
DETIN-A input pin. Set to ground if not used.
Table 2.
Pin description (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com