Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26PQR Datasheet(PDF) 22 Page - STMicroelectronics

Part # LNBH26PQR
Description  Dual LNBS supply and control IC with step-up and I짼C interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26PQR Datasheet(HTML) 22 Page - STMicroelectronics

Back Button LNBH26PQR Datasheet HTML 18Page - STMicroelectronics LNBH26PQR Datasheet HTML 19Page - STMicroelectronics LNBH26PQR Datasheet HTML 20Page - STMicroelectronics LNBH26PQR Datasheet HTML 21Page - STMicroelectronics LNBH26PQR Datasheet HTML 22Page - STMicroelectronics LNBH26PQR Datasheet HTML 23Page - STMicroelectronics LNBH26PQR Datasheet HTML 24Page - STMicroelectronics LNBH26PQR Datasheet HTML 25Page - STMicroelectronics LNBH26PQR Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
I²C interface protocol
LNBH26
22/38
Doc ID 022771 Rev 1
7.3
Data registers
The DATA 1..4 registers can be addressed both in write and read mode. In read mode they
return the last writing byte status received in the previous write transmission.
The following tables provide the register address values of Data 1..4 and a function
description of each bit.
N/A = Reserved bit.
All bits reset to “0” at power-on.
Table 7.
DATA 1 (Read/Write register. Register address = 0X2)
Bit
Name
CH
Value
Description
Bit 0
(LSB)
VSEL1-A
A
0/1
Channel A
Output voltage selection bits.
(Refer to
Table 14)
Bit 1
VSEL2-A
0/1
Bit 2
VSEL3-A
0/1
Bit 3
VSEL4-A
0/1
Bit 4
VSEL1-B
B
0/1
Channel B
Output voltage selection bits.
(Refer to
Table 14)
Bit 5
VSEL2-B
0/1
Bit 6
VSEL3-B
0/1
Bit 7
(MSB)
VSEL4-B
0/1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com