Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LNBH26PQR Datasheet(PDF) 30 Page - STMicroelectronics

Part # LNBH26PQR
Description  Dual LNBS supply and control IC with step-up and I짼C interface
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBH26PQR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button LNBH26PQR Datasheet HTML 26Page - STMicroelectronics LNBH26PQR Datasheet HTML 27Page - STMicroelectronics LNBH26PQR Datasheet HTML 28Page - STMicroelectronics LNBH26PQR Datasheet HTML 29Page - STMicroelectronics LNBH26PQR Datasheet HTML 30Page - STMicroelectronics LNBH26PQR Datasheet HTML 31Page - STMicroelectronics LNBH26PQR Datasheet HTML 32Page - STMicroelectronics LNBH26PQR Datasheet HTML 33Page - STMicroelectronics LNBH26PQR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
Electrical characteristics
LNBH26
30/38
Doc ID 022771 Rev 1
8.1
Output voltage selection
Each LNBH26 channel is provided with 15 output voltage levels (7 levels for 13 V range
when VSEL4-A/B=0 and 8 levels for 18 V range when VSEL4-A/B=1) which can be selected
through the register Data1.
Table 14 shows the output voltage values corresponding to
VSELx bit combinations both for channel A and B. If all VSELx are set to “0” the device is set
in standby mode and the VOUT-A/B is disabled.
TJ from 0 to 85 °C, VI = 12 V.
Table 14.
Output voltage selection table (Data1 register, write mode) (1)
VSEL4-
A/B
VSEL3-
A/B
VSEL2-
A/B
VSEL1-
A/B
VOUT
min.
VOUT -A/B
pin
voltage
VOUT
max.
Function
0000
0
VOUT -A/B disabled. LNBH26 set in
standby mode
0001
12.545
13.000
13.455
0010
12.867
13.333
13.800
0011
13.188
13.667
14.145
0100
13.51
14.000
14.490
0101
13.832
14.333
14.835
0110
14.153
14.667
15.180
0111
14.475
15.000
15.525
1000
17.515
18.150
18.785
1001
17.836
18.483
19.130
1010
18.158
18.817
19.475
1011
18.48
19.150
19.820
1100
18.801
19.483
20.165
1101
19.123
19.817
20.510
1110
19.445
20.150
20.855
1111
19.766
20.483
21.200
1.
TJ from 0 to 85 °C, VI = 12 V.
Table 15.
I²C electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Low level input voltage
SDA, SCL
0.8
V
VIH
High level input voltage
SDA, SCL
2
V
IIN
Input current
SDA, SCL, VIN = 0.4 to 4.5 V
-10
10
µA
VOL
Low level output voltage (1) SDA (open drain), IOL = 6 mA
0.6
V
FMAX
Maximum clock frequency
SCL
400
kHz
1.
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com