Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9155EXT Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX9155EXT
Description  Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9155EXT Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX9155EXT Datasheet HTML 1Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 2Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 3Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 4Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 5Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 6Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 7Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 8Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Low-Jitter, Low-Noise LVDS
Repeater in an SC70 Package
_______________________________________________________________________________________
3
Note 1: All devices are 100% tested at TA = +25°C. Limits over temperature are guaranteed by design and characterization.
Note 2: Current into a pin is defined as positive. Current out of a pin is defined as negative. All voltages are referenced to ground
except VTH, VTL, VOD, and
∆VOD.
Note 3: Guaranteed by design and characterization.
Note 4: Signal generator output (unless otherwise noted): frequency = 100MHz, 50% duty cycle, RO = 50
Ω, tR = 1.5ns, and tF =
1.5ns (0% to 100%).
Note 5: CL includes scope probe and test jig capacitance.
Note 6: Signal generator output for tDJ: VOD = 150mV, VOS = 1.2V, tDJ includes pulse (duty-cycle) skew.
Note 7: Signal generator output for tRJ: VOD = 150mV, VOS = 1.2V.
Note 8: tSKPP1 is the magnitude difference of any differential propagation delays between devices operating over rated conditions
at the same supply voltage, input common-mode voltage, and ambient temperature.
Note 9: tSKPP2 is the magnitude difference of any differential propagation delays between devices operating over rated conditions.
Note 10: Device meets VOD DC specification and AC specifications while operating at fMAX.
Note 11: Jitter added to the input signal.
AC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, RL = 100
Ω ±1%, CL = 10pF, |VID| = 0.15V to 1.2V, VCM = |VID / 2| to 2.4V - |VID / 2|, TA = -40°C to +85°C,
unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25°C.) (Notes 3, 4, 5) (Figures 3, 4)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Differential Propagation Delay High to
Low
tPHLD
1.3
2.0
2.8
ns
Differential Propagation Delay Low to
High
tPLHD
1.3
2.0
2.8
ns
Added Deterministic Jitter (Notes 6, 11)
tDJ
200Mbps 2
23-1 PRBS data pattern
23
100
psp-p
Added Random Jitter (Notes 7, 11)
tRJ
fIN = 100MHz
0.6
2.9
psRMS
Differential Part-to-Part Skew (Note 8)
tSKPP1
0.17
0.6
ns
Differential Part-to-Part Skew (Note 9)
tSKPP2
1.5
ns
Switching Supply Current
ICCSW
11.3
18
mA
Rise Time
tTLH
0.5
0.66
1.0
ns
Fall Time
tTHL
0.5
0.64
1.0
ns
Input Frequency (Note 10)
fMAX
100
MHz



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com