Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9155EXT Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9155EXT
Description  Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9155EXT Datasheet(HTML) 6 Page - Maxim Integrated Products

  MAX9155EXT Datasheet HTML 1Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 2Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 3Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 4Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 5Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 6Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 7Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 8Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Applications Information
Supply Bypassing
Bypass VCC with a high-frequency surface-mount
ceramic 0.01µF capacitor as close to the device as
possible.
Differential Traces
Input and output trace characteristics affect the perfor-
mance of the MAX9155. Use controlled-impedance dif-
ferential traces. Ensure that noise couples as common
mode by running the traces within a differential pair
close together.
Maintain the distance within a differential pair to avoid
discontinuities in differential impedance. Avoid 90°
turns and minimize the number of vias to further prevent
impedance discontinuities.
Cables and Connectors
The LVDS standards define signal levels for intercon-
nect with a differential characteristic impedance and
termination of 100
Ω. Interconnects with a characteristic
impedance and termination of 90
Ω to 132Ω impedance
are allowed, but produce different signal levels (see
Termination).
Use cables and connectors that have matched differen-
tial impedance to minimize impedance discontinuities.
Avoid the use of unbalanced cables, such as ribbon or
coaxial cable. Balanced cables, such as twisted pair,
offer superior signal quality and tend to generate less
EMI due to canceling effects. Balanced cables tend to
pick up noise as common mode, which is rejected by
the LVDS receiver.
Termination
For point-to-point links, the termination resistor should
be located at the LVDS receiver input and match the
differential characteristic impedance of the transmis-
sion line.
For a multidrop bus driven at one end, terminate at the
other end of the bus with a resistor that matches the
loaded differential characteristic impedance of the bus.
For a multidrop bus driven from a point other than the
end, terminate each end of the bus with a resistor that
matches the loaded differential characteristic imped-
ance of the bus. When terminating at both ends, or for a
large number of drops, a bus LVDS (BLVDS) driver is
needed to drive the bus to LVDS signal levels. The
MAX9155 is not intended to drive double-terminated
multidrop buses to LVDS levels.
The differential output voltage level depends upon the
differential characteristic impedance of the interconnect
and the value of the termination resistance. The
MAX9155 is guaranteed to produce LVDS output levels
into 100
Ω. With the typical 3.6mA output current, the
MAX9155 produces an output voltage of 360mV when
driving a 100
Ω transmission line terminated with a
100
Ω termination resistor (3.6mA x 100Ω = 360mV). For
typical output levels with different loads, see the
Differential Output Voltage vs. Load Resistor typical
operating curve.
Chip Information
TRANSISTOR COUNT: 401
PROCESS: CMOS
Low-Jitter, Low-Noise LVDS
Repeater in an SC70 Package
6
_______________________________________________________________________________________



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com