Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9155EXT Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9155EXT
Description  Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9155EXT Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9155EXT Datasheet HTML 1Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 2Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 3Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 4Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 5Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 6Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 7Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 8Page - Maxim Integrated Products MAX9155EXT Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
General Description
The MAX9155 is a low-voltage differential signaling
(LVDS) repeater, which accepts a single LVDS input
and duplicates the signal at a single LVDS output. Its
low-jitter, low-noise performance makes it ideal for
buffering LVDS signals sent over long distances or
noisy environments, such as cables and backplanes.
The MAX9155’s tiny size makes it especially suitable for
minimizing stub lengths in multidrop backplane appli-
cations. The SC70 package (half the size of a SOT23)
allows the MAX9155 to be placed close to the connec-
tor, thereby minimizing stub lengths and reflections on
the bus. The point-to-point connection between the
MAX9155 output and the destination IC, such as an
FPGA or ASIC, allows the destination IC to be located
at greater distances from the bus connector.
Ultra-low, 23psp-p added deterministic jitter and
0.6psRMS added random jitter ensure reliable commu-
nication in high-speed links that are highly sensitive to
timing errors, especially those incorporating clock-and-
data recovery, PLLs, serializers, or deserializers. The
MAX9155’s switching performance guarantees a
200Mbps data rate, but minimizes radiated noise by
guaranteeing 0.5ns minimum output transition time.
The MAX9155 has fail-safe circuitry that sets the output
high for undriven open, short, or terminated inputs.
The MAX9155 operates from a single +3.3V supply and
consumes only 10mA over a -40°C to +85°C tempera-
ture range. Refer to the MAX9129 data sheet for a quad
bus LVDS driver, and to the MAX9156 data sheet for a
low-jitter, low-noise LVPECL-to-LVDS level translator in
an SC70 package.
Applications
Cellular Phone Base Stations
DSLAMs
Digital Cross-Connects
Add/Drop Muxes
Network Switches/Routers
Multidrop Buses
Cable Repeaters
Features
o Tiny SC70 Package
o Ultra-Low Jitter
23psp-p Added Deterministic Jitter
(2
23-1 PRBS)
0.6psRMS Added Random Jitter
o 0.5ns (min) Transition Time Minimizes Radiated
Noise
o 200Mbps Guaranteed Data Rate
o Fail-Safe Circuit Sets Output High for Undriven
Inputs (Open, Terminated, or Shorted)
o Low 10mA Supply Current
o Low 6mA Supply Current in Fail-Safe
o Conforms to ANSI/EIA/TIA-644 LVDS Standard
o High-Impedance Inputs and Outputs in
Power-Down Mode
Low-Jitter, Low-Noise LVDS
Repeater in an SC70 Package
________________________________________________________________ Maxim Integrated Products
1
GND
IN+
IN-
1
6
OUT+
5VCC
OUT-
MAX9155
SC70
TOP VIEW
2
34
Pin Configuration
19-2213; Rev 0; 10/01
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP. RANGE
PIN-
PACKAGE
TOP
MARK
MAX9155EXT-T
-40°C to +85°C
6 SC70-6
ABC
Typical Operating Circuit appears at end of data sheet.


Similar Part No. - MAX9155EXT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9155EXT-T MAXIM-MAX9155EXT-T Datasheet
147Kb / 9P
Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
19-2213; Rev 0; 10/01
More results

Similar Description - MAX9155EXT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6613 MAXIM-MAX6613 Datasheet
114Kb / 6P
Low-Voltage Analog Temperature Sensor in an SC70 Package
Rev 1; 11/03
MAX9150 MAXIM-MAX9150 Datasheet
204Kb / 10P
Low-Jitter, 10-Port LVDS Repeater
Rev 0;; 10//00
MAX9155 MAXIM-MAX9155 Datasheet
147Kb / 9P
Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
19-2213; Rev 0; 10/01
MAX9156 MAXIM-MAX9156 Datasheet
149Kb / 8P
Low-Jitter, Low-Noise LVPECL-to-LVDS Level Translator in an SC70 Package
19-2216; Rev 0; 10/01
MAX6612 MAXIM-MAX6612 Datasheet
124Kb / 5P
High-Slope, Low-Power, Analog Temperature Sensor in an SC70 Package
Rev 0; 7/02
MAX9180 MAXIM-MAX9180 Datasheet
246Kb / 9P
400Mbps, Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
Rev 1; 2/04
MAX9150 MAXIM-MAX9150_09 Datasheet
126Kb / 10P
Low-Jitter, 10-Port LVDS Repeater
Rev 1; 3/09
MAX9181 MAXIM-MAX9181 Datasheet
245Kb / 8P
Low-Jitter, Low-Noise LVPECL-to-LVDS Level Translator in an SC70 Package
Rev 1; 2/04
MAX6613 MAXIM-MAX6613_10 Datasheet
119Kb / 6P
Low-Voltage Analog Temperature Sensor in an SC70 Package
Rev 3; 12/10
MAX6613 MAXIM-MAX6613_V01 Datasheet
641Kb / 6P
Low-Voltage Analog Temperature Sensor in an SC70 Package
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com