Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9155 Datasheet (PDF) - Maxim Integrated Products

MAX9155 Datasheet PDF - Maxim Integrated Products
Part # MAX9155
Download  MAX9155 Download
File Size   147.54 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package

MAX9155 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9155 Datasheet PDF - Maxim Integrated Products

Part # MAX9155
Download  MAX9155 Click to download

File Size   147.54 Kbytes
Page   9 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package

MAX9155 Datasheet (HTML) - Maxim Integrated Products


MAX9155 Product details

General Description
The MAX9155 is a low-voltage differential signaling (LVDS) repeater, which accepts a single LVDS input and duplicates the signal at a single LVDS output. Its low-jitter, low-noise performance makes it ideal for buffering LVDS signals sent over long distances or noisy environments, such as cables and backplanes.

eatures
♦ Tiny SC70 Package
♦ Ultra-Low Jitter
    23psp-p Added Deterministic Jitter (223-1 PRBS)
    0.6psRMS Added Random Jitter
♦ 0.5ns (min) Transition Time Minimizes Radiated Noise
♦ 200Mbps Guaranteed Data Rate
♦ Fail-Safe Circuit Sets Output High for Undriven Inputs (Open, Terminated, or Shorted)
♦ Low 10mA Supply Current
♦ Low 6mA Supply Current in Fail-Safe
♦ Conforms to ANSI/EIA/TIA-644 LVDS Standard
♦ High-Impedance Inputs and Outputs in Power-Down Mode

Applications
    Cellular Phone Base Stations
    DSLAMs
    Digital Cross-Connects
    Add/Drop Muxes
    Network Switches/Routers
    Multidrop Buses
    Cable Repeaters




Similar Part No. - MAX9155

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9155EXT MAXIM-MAX9155EXT Datasheet
149Kb / 9P
Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
Rev 0; 10/01
MAX9155EXT-T MAXIM-MAX9155EXT-T Datasheet
149Kb / 9P
Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
Rev 0; 10/01
More results


Similar Description - MAX9155

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6613 MAXIM-MAX6613 Datasheet
114Kb / 6P
Low-Voltage Analog Temperature Sensor in an SC70 Package
Rev 1; 11/03
MAX9150 MAXIM-MAX9150 Datasheet
204Kb / 10P
Low-Jitter, 10-Port LVDS Repeater
Rev 0;; 10//00
MAX9156 MAXIM-MAX9156 Datasheet
149Kb / 8P
Low-Jitter, Low-Noise LVPECL-to-LVDS Level Translator in an SC70 Package
19-2216; Rev 0; 10/01
MAX6612 MAXIM-MAX6612 Datasheet
124Kb / 5P
High-Slope, Low-Power, Analog Temperature Sensor in an SC70 Package
Rev 0; 7/02
MAX9180 MAXIM-MAX9180 Datasheet
246Kb / 9P
400Mbps, Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
Rev 1; 2/04
MAX9150 MAXIM-MAX9150_09 Datasheet
126Kb / 10P
Low-Jitter, 10-Port LVDS Repeater
Rev 1; 3/09
MAX9181 MAXIM-MAX9181 Datasheet
245Kb / 8P
Low-Jitter, Low-Noise LVPECL-to-LVDS Level Translator in an SC70 Package
Rev 1; 2/04
MAX6613 MAXIM-MAX6613_10 Datasheet
119Kb / 6P
Low-Voltage Analog Temperature Sensor in an SC70 Package
Rev 3; 12/10
MAX9155EXT MAXIM-MAX9155EXT Datasheet
149Kb / 9P
Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
Rev 0; 10/01
MAX6613 MAXIM-MAX6613_V01 Datasheet
641Kb / 6P
Low-Voltage Analog Temperature Sensor in an SC70 Package
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com