Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9155 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9155
Description  Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9155 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9155 Datasheet HTML 1Page - Maxim Integrated Products MAX9155 Datasheet HTML 2Page - Maxim Integrated Products MAX9155 Datasheet HTML 3Page - Maxim Integrated Products MAX9155 Datasheet HTML 4Page - Maxim Integrated Products MAX9155 Datasheet HTML 5Page - Maxim Integrated Products MAX9155 Datasheet HTML 6Page - Maxim Integrated Products MAX9155 Datasheet HTML 7Page - Maxim Integrated Products MAX9155 Datasheet HTML 8Page - Maxim Integrated Products MAX9155 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Low-Jitter, Low-Noise LVDS
Repeater in an SC70 Package
4
_______________________________________________________________________________________
0
6
3
12
9
18
21
15
0
100
50
150
200
25
125
75
175
225 250
SUPPLY CURRENT
VS.
INPUT FREQUENCY
INPUT FREQUENCY (MHz)
10.00
10.25
10.50
10.75
11.00
11.25
11.50
11.75
12.00
-40
-15
10
35
60
85
SWITCHING SUPPLY CURRENT
VS.
TEMPERATURE
TEMPERATURE (
°C)
5.05
5.06
5.08
5.07
5.09
5.10
3.0
3.2
3.1
3.3
3.4
3.5
3.6
OUTPUT SHORT-CIRCUIT CURRENT
VS.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.5
5.7
6.1
5.9
6.3
6.5
3.0
3.2
3.1
3.3
3.4
3.5
3.6
FAIL-SAFE SUPPLY CURRENT
VS.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.05
1.07
1.06
1.09
1.08
1.11
1.10
1.12
3.0
3.2
3.3
3.1
3.4
3.5
3.6
OUTPUT LOW VOLTAGE
VS.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
1.350
1.375
1.400
1.425
1.450
1.475
1.500
1.525
1.550
3.0
3.2
3.1
3.3
3.4
3.5
3.6
OUTPUT HIGH VOLTAGE
VS.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
2.1
2.0
1.9
1.8
1.7
3.0
3.3
3.1
3.2
3.4
3.5
3.6
DIFFERENTIAL PROPAGATION DELAY
VS.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
tPHLD
tPLHD
1.5
1.7
2.1
1.9
2.3
2.5
-40
10
-15
35
60
85
DIFFERENTIAL PROPAGATION DELAY
VS.
TEMPERATURE
TEMPERATURE (
°C)
tPHLD
tPLHD
550
575
600
625
650
675
700
725
750
3.0
3.2
3.1
3.3
3.4
3.5
3.6
TRANSITION TIME
VS.
SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
tTHL
tTLH
Typical Operating Characteristics
(VCC = +3.3V, RL = 100
Ω ±1%, CL = 10pF, |VID| = 0.2V, VCM = 1.2V, TA = +25°C, unless otherwise noted. Signal generator output:
frequency = 100MHz, 50% duty cycle, RO = 50
Ω, tR = 1.5ns, and tF = 1.5ns (0% to 100%), unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com