Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9155 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9155
Description  Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9155 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9155 Datasheet HTML 1Page - Maxim Integrated Products MAX9155 Datasheet HTML 2Page - Maxim Integrated Products MAX9155 Datasheet HTML 3Page - Maxim Integrated Products MAX9155 Datasheet HTML 4Page - Maxim Integrated Products MAX9155 Datasheet HTML 5Page - Maxim Integrated Products MAX9155 Datasheet HTML 6Page - Maxim Integrated Products MAX9155 Datasheet HTML 7Page - Maxim Integrated Products MAX9155 Datasheet HTML 8Page - Maxim Integrated Products MAX9155 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Detailed Description
The LVDS interface standard is a signaling method
intended for point-to-point communication over a con-
trolled-impedance medium, as defined by the ANSI/
TIA/EIA-644 and IEEE 1596.3 standards. The LVDS
standard uses a lower voltage swing than other com-
mon communication standards, achieving higher data
rates with reduced power consumption while reducing
EMI emissions and system susceptibility to noise.
The MAX9155 is a 200Mbps LVDS repeater intended
for high-speed, point-to-point, low-power applications.
The MAX9155 accepts an LVDS input and reproduces
an LVDS signal at the output. This device is capable of
detecting differential signals as low as 50mV and as
high as 1.2V within a 0 to 2.4V input voltage range. The
LVDS standard specifies an input voltage range of 0 to
2.4V referenced to ground.
Fail-Safe
Fail-safe is a feature that puts the output in a known
logic state (differential high) under certain fault condi-
tions. The MAX9155 outputs are differential high when
the inputs are undriven and open, terminated, or shorted
(Table 1).
Low-Jitter, Low-Noise LVDS
Repeater in an SC70 Package
_______________________________________________________________________________________
5
400
450
500
550
600
650
700
750
800
-40
-15
10
35
60
85
TRANSITION TIME
VS.
TEMPERATURE
TEMPERATURE (
°C)
tTLH, tTHL
0
200
100
400
300
500
600
25
150
DIFFERENTIAL OUTPUT VOLTAGE
VS.
LOAD RESISTOR
LOAD RESISTOR (
Ω)
75
50
100
125
Typical Operating Characteristics (continued)
(VCC = +3.3V, RL = 100
Ω ±1%, CL = 10pF, |VID| = 0.2V, VCM = 1.2V, TA = +25°C, unless otherwise noted. Signal generator output:
frequency = 100MHz, 50% duty cycle, RO = 50
Ω, tR = 1.5ns, and tF = 1.5ns (0% to 100%), unless otherwise noted.)
Pin Description
PIN
NAME
FUNCTION
1
OUT-
Inverting LVDS Output
2
GND
Ground
3
IN-
Inverting LVDS Input
4
IN+
Noninverting LVDS Input
5VCC
Power Supply. Bypass VCC to GND
with 0.01µF ceramic capacitor.
6
OUT+
Noninverting LVDS Output
INPUT, VID
OUTPUT, VOD
> 50mV
High
< -50mV
Low
50mV
> VID > -50mV
Indeterminate
Undriven open, short, or terminated
High
Note: VID = (IN+ - IN-), VOD = (OUT+ - OUT-)
High = 450mV
≥ VOD ≥ 250mV
Low = -250mV
≥ VOD ≥ -450mV
Table 1. Function Table for LVDS Fail-Safe
Input (Figure 2)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com