Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9155 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9155
Description  Low-Jitter, Low-Noise LVDS Repeater in an SC70 Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9155 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9155 Datasheet HTML 1Page - Maxim Integrated Products MAX9155 Datasheet HTML 2Page - Maxim Integrated Products MAX9155 Datasheet HTML 3Page - Maxim Integrated Products MAX9155 Datasheet HTML 4Page - Maxim Integrated Products MAX9155 Datasheet HTML 5Page - Maxim Integrated Products MAX9155 Datasheet HTML 6Page - Maxim Integrated Products MAX9155 Datasheet HTML 7Page - Maxim Integrated Products MAX9155 Datasheet HTML 8Page - Maxim Integrated Products MAX9155 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Low-Jitter, Low-Noise LVDS
Repeater in an SC70 Package
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +4.0V
IN+, IN- to GND.....................................................-0.3V to +4.0V
OUT+, OUT- to GND .............................................-0.3V to +4.0V
Short-Circuit Duration (OUT+, OUT-) .........................Continuous
Continuous Power Dissipation (TA = +70°C)
6-Pin SC70 (derate 3.1mW/°C above +70°C) ..............245mW
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Operating Temperature Range ...........................-40°C to +85°C
ESD Protection
Human Body Model, IN+, IN-, OUT+, OUT- ....................±8kV
Lead Temperature (soldering, 10s) .................................+300°C
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, RL = 100
Ω ±1%, |VID| = 0.05V to 1.2V, VCM = |VID / 2| to 2.4V - |VID / 2|, TA = -40°C to +85°C, unless otherwise
noted. Typical values are at VCC = +3.3V, TA = +25°C.) (Notes 1, 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
LVDS INPUT
Differential Input High Threshold
VTH
750
mV
Differential Input Low Threshold
VTL
-50
-7
mV
0.05V
|VID| ≤ 0.6V
-15
-2.5
15
Input Current
IIN+, IIN-
0.6V<
|VID|
≤ 1.2V,
-20
-3.5
20
µA
0.05V
|VID| ≤0.6V, VCC = 0
-15
1.3
15
Power-Off Input Current
IIN+, IIN-
0.6V <
|VID|
≤ 1.2V, VCC = 0
-20
2.6
20
µA
Input Resistor 1
RIN1
VCC = +3.6V or 0, Figure 1
67
232
k
Input Resistor 2
RIN2
VCC = +3.6V or 0, Figure 1
267
1174
k
LVDS OUTPUT
Differential Output Voltage
VOD
Figure 2
250
360
450
mV
Change in VOD Between
Complementary Output States
∆VOD
Figure 2
0.008
25
mV
Offset (Common-Mode) Voltage
VOS
Figure 2
1.125
1.25
1.375
V
Change in VOS for
Complementary Output States
∆VOS
Figure 2
0.005
25
mV
Output High Voltage
VOH
1.44
1.6
V
Output Low Voltage
VOL
0.9
1.08
V
Fail-Safe Differential Output
Voltage
VOD+
IN+, IN- shorted, open, or parallel
terminated
+250
+360
+450
mV
OUT+ = 3.6V, other output open
-10
0.02
10
Power-Off Output Leakage
Current
IOOFF
VCC = 0
OUT- = 3.6V, other output open
-10
0.02
10
µA
Differential Output Resistance
RODIFF
VCC = +3.6V or 0
100
260
400
VID = +50mV, OUT+ = GND
-5
-15
Output Short Current
ISC
VID = -50mV, OUT- = GND
-5
-15
mA
POWER SUPPLY
Supply Current
ICC
Output loaded
10
15
mA
Supply Current in Fail-Safe
ICCF
Output loaded, input undriven
6
8
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com