Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R4B4-P1 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # E3F2-R4B4-P1
Description  Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R4B4-P1 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button E3F2-R4B4-P1 Datasheet HTML 5Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 6Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 7Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 8Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 9Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 10Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 11Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 12Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Photoelectric sensor
E3F2
9
* Standard cable length is 2 m. Models provided with a 5 m long cable are available. When ordering, specify the cable length by adding the length of the cable
(e.g. E3F2-R2RB41-M 2M or E3F2-R2RB41-M 5M). For other cable length please contact your OMRON sales representative.
DC-Switching Models, metal (stainless steel)
* Standard cable length is 2 m. Models provided with a 5 m long cable are available. When ordering, specify the cable length by adding the length of the cable (e.g.
E3F2-R2RB41-S 2M or E3F2-R2RB41-S 5M). For other cable length please contact your OMRON sales representative.
AC-Switching Models, plastic
* Standard cable length is 2 m. Models provided with a 5 m long cable are available. When ordering, specify the cable length by adding the length of the cable (e.g.
E3F2-R2Z1 2M or E3F2-R2Z1 5M). For other cable length please contact your OMRON sales representative.
E3F2-R4C4F-M1-M-E
Retroreflective, 4m
axial
Connector
NPN
Polarizing, fixed sensitivity w/o reflector
Model
Sensing method,
sensing range
Appearance
Connection
(cable-length)
Control
output
Comments
E3F2-7B4-M1-S
Through-beam, 7 m
axial
Connector
PNP
Receiver and Emitter
E3F2-7B4-S 2M
Through-beam, 7 m
axial
Pre-wired (2 m)* PNP
Receiver and Emitter
E3F2-7C4-M1-S
Through-beam, 7 m
axial
Connector
NPN
Receiver and Emitter
E3F2-7C4-S 2M
Through-beam, 7 m
axial
Pre-wired (2 m)* NPN
Receiver and Emitter
E3F2-7DB4-M1-S
Through-beam, 7 m
axial
Connector
PNP
Receiver only
E3F2-7DB4-S 2M
Through-beam, 7 m
axial
Pre-wired (2 m)* PNP
Receiver only
E3F2-7DC4-M1-S
Through-beam, 7 m
axial
Connector
NPN
Receiver only
E3F2-7DC4-S 2M
Through-beam, 7 m
axial
Pre-wired (2 m)* NPN
Receiver only
E3F2-7L-M1-S
Through-beam, 7 m
axial
Connector
N.A.
Emitter only
E3F2-7L-S 2M
Through-beam, 7 m
axial
Pre-wired (2 m)* N.A.
Emitter only
E3F2-DS10B4-M1-S
Diffuse reflective, 0.1 m
axial
Connector
PNP
Wide-beam characteristic
E3F2-DS10B4-S 2M
Diffuse reflective, 0.1 m
axial
Pre-wired (2 m)* PNP
Wide-beam characteristic
E3F2-DS10C4-M1-S
Diffuse reflective, 0.1 m
axial
Connector
NPN
Wide-beam characteristic
E3F2-DS10C4-S 2M
Diffuse reflective, 0.1 m
axial
Pre-wired (2 m)* NPN
Wide-beam characteristic
E3F2-DS30B4-M1-S
Diffuse reflective, 0.3 m
axial
Connector
PNP
Sensitivity adjuster
E3F2-DS30B4-S 2M
Diffuse reflective, 0.3 m
axial
Pre-wired (2 m)* PNP
Sensitivity adjuster
E3F2-DS30C4-M1-S
Diffuse reflective, 0.3 m
axial
Connector
NPN
Sensitivity adjuster
E3F2-DS30C4-S 2M
Diffuse reflective, 0.3 m
axial
Pre-wired (2 m)* NPN
Sensitivity adjuster
E3F2-R2RB4-M1-S
Retroreflective, 2 m
axial
Connector
PNP
Polarizing
E3F2-R2RB4-M1-S-E
Retroreflective, 2 m
axial
Connector
PNP
Polarizing, without reflector
E3F2-R2RB4-S 2M
Retroreflective, 2 m
axial
Pre-wired (2 m)* PNP
Polarizing
E3F2-R2RB4-S-E 2M
Retroreflective, 2 m
axial
Pre-wired (2 m)* PNP
Polarizing, without reflector
E3F2-R2RC4-M1-S
Retroreflective, 2 m
axial
Connector
NPN
Polarizing
E3F2-R2RC4-M1-S-E
Retroreflective, 2 m
axial
Connector
NPN
Polarizing, without reflector
E3F2-R2RC4-S 2M
Retroreflective, 2 m
axial
Pre-wired (2 m)* NPN
Polarizing
E3F2-R2RC4-S-E 2M
Retroreflective, 2 m
axial
Pre-wired (2 m)* NPN
Polarizing, without reflector
Model
Sensing method,
sensing range
Appearance
Connection
(cable-length)
Control
output
Comments
E3F2-3LZ 2M
Through-beam, 3 m
axial
Pre-wired (2 m)* N.A.
Emitter only
E3F2-3DZ1 2M
Through-beam, 3 m
axial
Pre-wired (2 m)* Light-ON
Receiver only
E3F2-3DZ2 2M
Through-beam, 3 m
axial
Pre-wired (2 m)* Dark-ON
Receiver only
E3F2-3Z1 2M
Through-beam, 3 m
axial
Pre-wired (2 m)* Light-ON
Receiver and Emitter
E3F2-3Z2 2M
Through-beam, 3 m
axial
Pre-wired (2 m)* Dark-ON
Receiver and Emitter
E3F2-R2Z1 2M
Retroreflective, 2 m
axial
Pre-wired (2 m)* Light-ON
Non-polarizing
E3F2-R2Z2 2M
Retroreflective, 2 m
axial
Pre-wired (2 m)* Dark-ON
Non-polarizing
E3F2-R2Z1-E 2M
Retroreflective, 2 m
axial
Pre-wired (2 m)* Light-ON
Non-polarizing, without reflector
E3F2-R2Z2-E 2M
Retroreflective, 2 m
axial
Pre-wired (2 m)* Dark-ON
Non-polarizing, without reflector
E3F2-DS10Z1-N 2M
Diffuse reflective, 0.1 m
axial
Pre-wired (2 m)* Light-ON
Wide-beam characteristic
E3F2-DS10Z2-N 2M
Diffuse reflective, 0.1 m
axial
Pre-wired (2 m)* Dark-ON
Wide-beam characteristic
Model
Sensing method,
sensing range
Appearance
Connection
(cable-length)
Control
output
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com