Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R4B4-P1 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # E3F2-R4B4-P1
Description  Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R4B4-P1 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button E3F2-R4B4-P1 Datasheet HTML 9Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 10Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 11Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 12Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 13Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 14Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 15Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 16Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Photoelectric sensor
E3F2
13
Excess Gain Ratio vs. Distance (typical)
Diffuse reflective Models (axial)
E3F2-DS10#4-# (wide-beam type)
Diffuse reflective Models (axial)
E3F2-DS10Z-# (wide-beam type)
Diffuse reflective Models (axial)
E3F2-DS30#4-#
Diffuse reflective Models (radial)
E3F2-DS30#41-#
Diffuse reflective Models (axial)
E3F2-D1#4-#
Through-beam Models (axial)
E3F2-7#4-#
Through-beam Models (axial)
E3F2-3Z#
Through-beam Models (axial)
E3F2-10#
20
40
60
80
100
120
0
0
5
10
15
–5
–10
–15
Distance X (mm)
140
white paper
(50 x 50 mm)
X
Y
Object
20
40
60
80
100
120
0
0
10
20
30
–10
–20
–30
Distance X (mm)
140
white paper
(50 x 50 mm)
X
Y
Object
100
200
300
400
500
600
0
0
10
20
30
40
–10
–20
–30
–40
Distance X (mm)
Sensing distance adjustable
between 0 and 550 mm
Sensitivity adjusted to maximum
Sensitivity adjusted to 400 mm
white paper
(100 x 100 mm)
X
Y
Object
100
200
300
400
500
0
0
10
20
30
40
–10
–20
–30
–40
Distance X (mm)
Sensitivity adjusted to 390 mm
White paper (90% reflectivity)
Sensing object:
100 x 100 mm
X
Y
Object
100
80
60
40
20
0
-20
-40
-60
-80
-100
0
200
400
600
800
1000
1200
1400
1600
Distance X (mm)
Sensing object:
300 x 300 mm
X
Y
Object
2
4
6
8
10
12
0
100
10
1
0.1
Distance X (m)
1
2345
6
0
100
10
1
0.1
Distance X (m)
7
1
10
100
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15 16 17 18
Distance [m]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com