Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3F2-R4B4-P1 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E3F2-R4B4-P1
Description  Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R4B4-P1 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E3F2-R4B4-P1 Datasheet HTML 8Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 9Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 10Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 11Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 12Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 13Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 14Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 15Page - Omron Electronics LLC E3F2-R4B4-P1 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
Photoelectric sensor
E3F2
Engineering Data (Typical)
Operating Range (typical)
Through-beam Models (axial)
E3F2-7#4-#
Through-beam Models (axial)
E3F2-3Z#
Through-beam Models (axial)
E3F2-10#
Retroreflective Models (axial)
E3F2-R2#4-# (non polarizing)
and reflectors
Retroreflective Models (axial)
E3F2-R2Z# (non polarizing)
and reflectors
Retroreflective Models (axial)
E3F2-R2R#4-# (polarizing)
and reflectors
Retro-reflective Models (axial)
E3F2-R4#4#-# (polarizing)
Retroreflective Models (radial)
E3F2-R2R#41-# (polarizing)
and reflectors
1234
5
0
0
100
200
300
–100
–200
–300
Distance X (m)
typical sensing distance: 3.8 m
X
Y
-500
-400
-300
-200
-100
0
100
200
300
400
500
0 1 2 3 4 5 6 7 8 9 10 11 12 13 1415 16 17
Distance X (m)
X
Y
1
2
34
56
0
0
100
200
300
–100
–200
–300
Distance X (m)
8
7
typical sensing distances:
E39-R1: 4.0 m
E39-R7: 4.5 m
E39-R8: 5.3 m
X
Y
Reflector
1
2
34
56
0
0
100
200
300
–100
–200
–300
Distance X (m)
8
7
typical sensing distances:
E39-R1: 3.4 m
E39-R7: 3.9 m
E39-R8: 5.2 m
X
Y
Reflector
12
3
4
5
6
0
0
50
100
150
200
–50
–100
–150
–200
Distance X (m)
X
Y
Reflector
7
typical sensing distances:
E39-R1: 3.7 m
E39-R7: 4.2 m
E39-R8: 5.3 m
0
01
234
5
6
789
Distance X (m)
- 250
- 200
- 150
- 100
-50
50
100
150
200
250
X
Y
Reflector
Typical sensing distance
E39-RS3
E39-R1S
E39-R40
E39-R7
E39-R8
0.5
1
1.5
2
2.5
3
0
0
50
100
–50
–100
Distance X (m)
4
3.5
typical sensing distances:
E39-R1: 2.4 m
E39-R7: 2.7 m
E39-R8: 3.1 m
X
Y
Reflector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com