Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616P-R2R-503 Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # 4616P-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616P-R2R-503 Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  4616P-R2R-503 Datasheet HTML 1Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 2Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 3Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 4Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 5Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 6Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 7Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 8Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 9Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
Specifications are subject to change without notice.
281
Package
Series
Pin
Isolated
Bussed
Dual
Page
Type
Number
Ct.
Resistors
Resistors
Terminators
No.
14
4814P-1-RC
4814P-2-RC
4814P-3-RC/RC
16
4816P-1-RC
4816P-2-RC
4816P-3-RC/RC
4816P-4-RC
4800P
18
4818P-1-RC
4818P-2-RC
4818P-3-RC/RC
302
20
4820P-1-RC
4820P-2-RC
4820P-3-RC/RC
4820P-4-RC
Thick Film, Surface Mount Packages (continued)
SOM SMD 5.59mm
Medium Body
with Gull Wing Lead Form
5.59
± .12
(.220
± .005)
7.62
± .25
(.300
± .010)
Package
Series
Pin
Capacitor
Capacitor
Circuit
Page
Type
Number
Ct.
Types
Range
Type
No.
4100R-601
18,20
Z5U
50pf - 200pf
T-Filter
305
4400P-601
20
Z5U
50pf-200pf
T-Filter
305
RC Networks Standard Circuits (Custom Circuits Available)
Molded DIP
Low Profile
PIN #1 REF.
.635
(.025)
SOGN SMD 7.49mm
Wide Body, Gull Wing
.432
± .056
(.017
± .002)
7.493
± .076
(.295
± .003)
10.34
± .25
(.407
± .010)
TYP.
Resistor Networks Product Selection Guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com