Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616P-R2R-503 Datasheet(PDF) 35 Page - Bourns Electronic Solutions

Part # 4616P-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616P-R2R-503 Datasheet(HTML) 35 Page - Bourns Electronic Solutions

Back Button 4616P-R2R-503 Datasheet HTML 31Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 32Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 33Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 34Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 35Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 36Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 37Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 38Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 39Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 62 page
background image
Specifications are subject to change without notice.
311
804 12 Pin SIP ECL
(4612M-804-RC)
Designed to terminate 6 transmission
lines using parallel termination
techniques. Popular resistance values
include 50 or 100 ohms. A 0.1
µF
capacitor is provided for connection
to Vee. Two 0.01 µF capacitors are
provided for connection to Vtt. Values for
R and C not shown in the following table
are available on a custom basis.
Standard 804 Part Numbers
805 8, 10 and 12 Pin SIP 100K ECL
(4610H-805-ZoC/CC)
Designed to terminate 6 to 10 trans-
mission lines using Thevenin equivalent
parallel termination techniques in
systems using 100K ECL. Popular
impedance values include 50, 70, 75, 80,
90, 100, 120, 150 or 200 ohms. Standard
values for R1 and R2, based on Zo, have
been chosen to accommodate 100K
ECL designs. A 0.1
µF capacitor is
provided to reduce cross talk noise
within the network package. Values for
Zo and C not shown in the following
table are available on a custom basis.
This type of termination is an alternative
to parallel termination used when a
separate Vtt power supply is not
available.
Standard 805 Part Numbers
R
Ct
Ce
±2%
±20%
±20%
Bourns Part Number
50
Ω 0.01µF 0.1µF 4612M-804-500
100
Ω 0.01µF 0.1µF 4612M-804-101
804 Electrical Schematic and Application
Zo
C
±2%
R1
R2
±20%
Bourns Part No.
50
Ω 90Ω 113Ω 0.1µF 4610H-805-500/104
70
Ω 126Ω 158Ω 0.1µF 4610H-805-700/104
75
Ω 135Ω 169Ω 0.1µF 4610H-805-750/104
80
Ω 144Ω 180Ω 0.1µF 4610H-805-800/104
90
Ω 161Ω 202Ω 0.1µF 4610H-805-900/104
100
Ω 180Ω 225Ω 0.1µF 4610H-805-101/104
120
Ω 216Ω 270Ω 0.1µF 4610H-805-121/104
150
Ω 270Ω 338Ω 0.1µF 4610H-805-151/104
200
Ω 360Ω 450Ω 0.1µF 4610H-805-201/104
805 Electrical Schematic and Application
How To Order 801
46 08 M - 801 - 500 103
Model
(46 = Conformal SIP)
Number of Pins
(8, 10, 12)
Physical Config.
•M = Medium Profile
Electrical Configuration
Resistance Code
•First 2 digits are significant
•Third digit represents the number of zeros to follow.
•Units = ohms
Capacitance Code
•First 2 digits are significant
•Third digit represents the number of zeros to follow.
•Units = picofarads
Consult factory for other available options.
How To Order 802
46 10 M - 802 - 500 103
Model
(46 = Conformal SIP)
Number of Pins
Physical Config.
•M = Medium Profile
Electrical Configuration
Resistance Code
•First 2 digits are significant
•Third digit represents the number of zeros to follow.
•Units = ohms
Capacitance Code
•First 2 digits are significant
•Third digit represents the number of zeros to follow.
•Units = picofarads
Consult factory for other available options.
How To Order 803 and 805
46 08 H - 803 - 101 103
Model
(46 = Conformal SIP)
Number of Pins
(8, 10, 12)
Physical Config.
•H = High Profile
Electrical Configuration
•803
•805
Impedance Code
•First 2 digits are significant
•Third digit represents the number of zeros to follow.
•Units = ohms
Capacitance Code
•First 2 digits are significant
•Third digit represents the number of zeros to follow.
•Units = picofarads
Consult factory for other available options.
How To Order 804
46 12 M - 804 - 500
Model
(46 = Conformal SIP)
Number of Pins
Physical Config.
•M = Medium Profile
Electrical Configuration
Resistance Code
•First 2 digits are significant
•Third digit represents the number of zeros to follow.
•Units = ohms
Consult factory for other available options.
1
10
R2
R1
C
800 Series - RC Networks ECL Terminator Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com