Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4616P-R2R-503 Datasheet(PDF) 25 Page - Bourns Electronic Solutions

Part # 4616P-R2R-503
Description  Resistor Networks Product Selection Guide
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4616P-R2R-503 Datasheet(HTML) 25 Page - Bourns Electronic Solutions

Back Button 4616P-R2R-503 Datasheet HTML 21Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 22Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 23Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 24Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 25Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 26Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 27Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 28Page - Bourns Electronic Solutions 4616P-R2R-503 Datasheet HTML 29Page - Bourns Electronic Solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 62 page
background image
Specifications are subject to change without notice.
301
Isolated Resistors (1 And 4 Circuits)
Model 4416P-1
Model 4420P-1 (Shown)
Bussed Resistors (2 Circuit)
Model 4416P-2
Model 4420P-2 (Shown)
Dual Terminator (3 Circuit)
Model 4416P-3
Model 4420P-3 (Shown)
1
20
20
14
1
7
2
19
3
18
4
17
5
16
6
15
7
14
8
13
R1
R2
R3
R4
R5
R6
R7
R8
13
8
19
2
18
3
17
4
16
5
15
6
R1
R2
R19
R3
R18
R4
R17
R5
R16
R6
R15
R7
R14
R8
R13
20
19
R10
R1
1
2
9
12
10
11
R9
R10
18
17
R9
R2
3
4
16
15
R8
R3
5
6
14
13
R7
R4
7
8
12
11
R6
R5
9
10
12
9
R9
R12
11
10
R10
R11
Resistance Tolerance
10 ohms to 49 ohms ...................±1 ohm
50 ohms to 2.2 megohms...............±2%*
Power Rating per Resistor
1 Circuit at 70°C ....................0.160 watt
4 Circuit at 70°C ....................0.160 watt
AMBIENT TEMPERATURE ( C )
°
0
70
125
.225
.200
.160
.125
.075
.025
001, 004
Resistance Tolerance
10 ohms to 49 ohms ...................±1 ohm
50 ohms to 2.2 megohms ..............±2%*
Power Rating per Resistor
2 Circuit at 70°C ....................0.160 watt
AMBIENT TEMPERATURE ( C )
°
0
70
125
.225
.200
.160
.125
.075
.025
4420P-3 terminates 16 lines,
convenient for a 16-bit computer bus.
Resistance Tolerance
Below 100 ohms ......................±2 ohms
100 ohms to 2.2 megohms ............±2%*
Power Rating per Resistor
3 Circuit at 70°C ....................0.115 watt
AMBIENT TEMPERATURE ( C )
°
0
70
125
.225
.200
.150
.075
.025
.115
Popular Resistance Values (1, 4, And 2 Circuits)**
* ±1% TOLERANCE IS AVAILABLE BY ADDING SUFFIX CODE “F” AFTER THE RESISTANCE CODE.
**NON-STANDARD VALUES AVAILABLE, WITHIN RESISTANCE RANGE.
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
Ohms
Code
10
100
180
181
1,800
182
15,000
153
120,000
124
22
220
220
221
2,000
202
18,000
183
150,000
154
27
270
270
271
2,200
222
20,000
203
180,000
184
33
330
330
331
2,700
272
22,000
223
220,000
224
39
390
390
391
3,300
332
27,000
273
270,000
274
47
470
470
471
3,900
392
33,000
333
330,000
334
56
560
560
561
4,700
472
39,000
393
390,000
394
68
680
680
681
5,600
562
47,000
473
470,000
474
82
820
820
821
6,800
682
56,000
563
560,000
564
100
101
1,000
102
8,200
822
68,000
683
680,000
684
120
121
1,200
122
10,000
103
82,000
823
820,000
824
150
151
1,500
152
12,000
123
100,000
104
1,000,000
105
Popular Resistance Values (3 Circuit)**
Resistor Power Temp. Derating Curve
Resistor Power Temp. Derating Curve
Resistor Power Temp. Derating Curve
Resistance
(Ohms)
Code
R1
R2
R1
R2
160
240
161
241
180
390
181
391
220
270
221
271
220
330
221
331
330
390
331
391
330
470
331
471
3,000
6,200
302
622
Model 4416P-4
Model 4420P-4 (Shown)
4400P Series - Thick Film Surface Mounted Wide Body
16
1
9
8
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R1
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com