Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19110 Datasheet(PDF) 65 Page - Microchip Technology

Part # MCP19110
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110 Datasheet(HTML) 65 Page - Microchip Technology

Back Button MCP19110 Datasheet HTML 61Page - Microchip Technology MCP19110 Datasheet HTML 62Page - Microchip Technology MCP19110 Datasheet HTML 63Page - Microchip Technology MCP19110 Datasheet HTML 64Page - Microchip Technology MCP19110 Datasheet HTML 65Page - Microchip Technology MCP19110 Datasheet HTML 66Page - Microchip Technology MCP19110 Datasheet HTML 67Page - Microchip Technology MCP19110 Datasheet HTML 68Page - Microchip Technology MCP19110 Datasheet HTML 69Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 226 page
background image
 2013 Microchip Technology Inc.
DS20002331B-page 65
MCP19110/11
9.7
Calibration Word 7
The BUFF<7:0> bits at memory location 2087h
represent the offset voltage of the unity gain buffer. This
is an 8-bit two’s complement number. The MSB is the
sign bit. If the MSB is set to 1, the resulting number is
negative.
REGISTER 9-7:
CALWD7: CALIBRATION WORD 7 REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
bit 13
bit 8
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
R/P-1
BUFF7
BUFF6
BUFF5
BUFF4
BUFF3
BUFF2
BUFF1
BUFF0
bit 7
bit 0
Legend:
R = Readable bit
P = Programmable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 13-8
Unimplemented: Read as ‘0’
bit 7-0
BUFF<7:0>: Unity gain buffer offset voltage calibration bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com