Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19110 Datasheet(PDF) 75 Page - Microchip Technology

Part # MCP19110
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110 Datasheet(HTML) 75 Page - Microchip Technology

Back Button MCP19110 Datasheet HTML 71Page - Microchip Technology MCP19110 Datasheet HTML 72Page - Microchip Technology MCP19110 Datasheet HTML 73Page - Microchip Technology MCP19110 Datasheet HTML 74Page - Microchip Technology MCP19110 Datasheet HTML 75Page - Microchip Technology MCP19110 Datasheet HTML 76Page - Microchip Technology MCP19110 Datasheet HTML 77Page - Microchip Technology MCP19110 Datasheet HTML 78Page - Microchip Technology MCP19110 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 226 page
background image
 2013 Microchip Technology Inc.
DS20002331B-page 75
MCP19110/11
TABLE 11-4:
MCP19110/11 SPECIAL REGISTERS SUMMARY BANK 2
Adr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR Reset
Value on
all other
resets(1)
Bank 2
100h
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
xxxx xxxx
xxxx xxxx
101h
TMR0
Timer0 Module’s Register
xxxx xxxx
uuuu uuuu
102h
PCL
Program Counter's (PC) Least Significant byte
0000 0000
0000 0000
103h
STATUS
IRP(2)
RP1(2)
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
104h
FSR
Indirect data memory address pointer
xxxx xxxx
uuuu uuuu
105h
WPUGPA
—
—
WPUA5
—
WPUA3
WPUA2
WPUA1
WPUA0
--1- 1111
--u- uuuu
106h
WPUGPB
WPUB7
WPUB6
WPUB5
WPUB4
—
WPUB2
WPUB1
—
1111 -11-
uuuu -uu-
107h
PE1
DECON
DVRSTR
HDLYBY
LDLYBY
PDEN
PUEN
UVTEE
OVTEE
0000 1100
0000 1100
108h
BUFFCON
MLTPH2
MLTPH1
MLTPH0
ASEL4
ASEL3
ASEL2
ASEL1
ASEL0
0000 0000
0000 0000
109h
ABECON
OVDCEN
UVDCEN
MEASEN
SLCPBY
CRTMEN
TMPSEN
RECIREN
PATHEN
0000 0000
0000 0000
10Ah
PCLATH
—
—
—
Write buffer for upper 5 bits of program counter
---0 0000
---0 0000
10Bh
INTCON
GIE
PEIE
T0IE
INTE
IOCE
T0IF
INTF
IOCF(3)
0000 000x
0000 000u
10Ch
—
Unimplemented
—
—
10Dh
—
Unimplemented
—
—
10Eh
—
Unimplemented
—
—
10Fh
—
Unimplemented
—
—
110h
SSPADD
ADD<7:0>
0000 0000
0000 0000
111h
SSPBUF
Synchronous Serial Port Receive Buffer/Transmit Register
xxxx xxxx
uuuu uuuu
112h
SSPCON1
WCOL
SSPOV
SSPEN
CKP
SSPM>3:0>
0000 0000
0000 0000
113h
SSPCON2
GCEN
ACKSTAT
ACKDT
ACKEN
RCEN
PEN
RSEN
SEN
0000 0000
0000 0000
114h
SSPCON3
ACKTIM
PCIE
SCIE
BOEN
SDAHT
SBCDE
AHEN
DHEN
0000 0000
0000 0000
115h
SSPMSK
MSK<7:0>
1111 1111
1111 1111
116h
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
—
—
117h
SSPADD2
ADD2<7:0>
0000 0000
0000 0000
118h
SSPMSK2
MSK2<7:0>
1111 1111
1111 1111
119h
—
Unimplemented
—
—
11Ah
—
Unimplemented
—
—
11Bh
—
Unimplemented
—
—
11Ch
—
Unimplemented
—
—
11Dh
—
Unimplemented
—
—
11Eh
—
Unimplemented
—
—
11Fh
—
Unimplemented
—
—
Legend:
— = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition, shaded = unimplemented
Note
1:
Other (non power-up) resets include MCLR Reset and Watchdog Timer Reset during normal operation.
2:
IRP & RP1 bits are reserved, always maintain these bits clear.
3:
MCLR and WDT reset does not affect the previous value data latch. The IOCF bit will be cleared upon reset but will set again if the
mismatch exists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com