Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP19110 Datasheet(PDF) 83 Page - Microchip Technology

Part # MCP19110
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19110 Datasheet(HTML) 83 Page - Microchip Technology

Back Button MCP19110 Datasheet HTML 79Page - Microchip Technology MCP19110 Datasheet HTML 80Page - Microchip Technology MCP19110 Datasheet HTML 81Page - Microchip Technology MCP19110 Datasheet HTML 82Page - Microchip Technology MCP19110 Datasheet HTML 83Page - Microchip Technology MCP19110 Datasheet HTML 84Page - Microchip Technology MCP19110 Datasheet HTML 85Page - Microchip Technology MCP19110 Datasheet HTML 86Page - Microchip Technology MCP19110 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 226 page
background image
 2013 Microchip Technology Inc.
DS20002331B-page 83
MCP19110/11
13.0
OSCILLATOR MODES
The MCP19110/11 has one oscillator configuration
which is an 8 MHz internal oscillator.
13.1
Internal Oscillator (INTOSC)
The Internal Oscillator module provides a system
clock source of 8 MHz. The frequency of the internal
oscillator can be trimmed with a calibration value in the
OSCTUNE register.
13.2
Oscillator Calibration
The 8 MHz internal oscillator is factory calibrated. The
factory calibration values reside in the read-only
Calibration Word 1 register. These values must be read
from the Calibration Word 1 register and stored in the
OSCCAL register. Refer to Section 18.0 “Flash
Program Memory Control” for the procedure on
reading from program memory.
13.3
Frequency Tuning in User Mode
In addition to the factory calibration, the base
frequency can be tuned in the user's application. This
frequency tuning capability allows the user to deviate
from the factory-calibrated frequency. The user can
tune the frequency by writing to the OSCTUNE
register (see Register 13-1).
Note 1: The FCAL<6:0> bits from the Calibration
Word 1 register must be written into the
OSCCAL register to calibrate the internal
oscillator.
REGISTER 13-1:
OSCTUNE – OSCILLATOR TUNING REGISTER
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
TUN4
TUN3
TUN2
TUN1
TUN0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented: Read as ‘0’
bit 4-0
TUN<4:0>: Frequency Tuning bits
01111
= Maximum frequency
01110
=
•
•
•
00001
=
00000
= Center frequency. Oscillator Module is running at the calibrated frequency.
11111
=
•
•
•
10000
= Minimum frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com