Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE100APCM Datasheet(PDF) 9 Page - Texas Instruments

Part # TNETE100APCM
Description  SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE100APCM Datasheet(HTML) 9 Page - Texas Instruments

Back Button TNETE100APCM Datasheet HTML 5Page - Texas Instruments TNETE100APCM Datasheet HTML 6Page - Texas Instruments TNETE100APCM Datasheet HTML 7Page - Texas Instruments TNETE100APCM Datasheet HTML 8Page - Texas Instruments TNETE100APCM Datasheet HTML 9Page - Texas Instruments TNETE100APCM Datasheet HTML 10Page - Texas Instruments TNETE100APCM Datasheet HTML 11Page - Texas Instruments TNETE100APCM Datasheet HTML 12Page - Texas Instruments TNETE100APCM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
ThunderLAN
™ TNETE100A
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN
SPWS021B – OCTOBER 1995 – REVISED NOVEMBER 1996
9
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Pin Functions (Continued)
PIN
TYPE†
DESCRIPTION
NAME
NO.
TYPE†
DESCRIPTION
POWER
VDDI
6, 14,
34, 48,
122, 136,
142
PWR
PCI VDD pins. VDDI pins provide power for the PCI I/O pin drivers. Connect VDDI pins to a 5-V power
supply when using 5-V signals on the PCI bus. Connect VDDI pins to a 3-V power supply when using
3-V signals on the PCI bus
VDDL
22, 37,
58, 70,
79, 84,
94, 130
PWR
Logic VDD pins (5 V). VDDL pins provide power for internal TNETE100A logic, and they should always
be connected to a 5-V power supply.
VDDOSC
115
PWR
Analog power pin. VDDOSC is the 5-V power for the crystal oscillator circuit.
VDDR
104
107
PWR
Analog power pin. VDDR is the 5-V power for the receiver circuitry.
VDDT
96
PWR
Analog power pin. VDDT is the 5-V power for the transmitter circuitry.
VDDVCO
117
PWR
Analog power pin. VDDVCO is the 5-V power for the voltage controller oscillator (VCO) and filter input.
VSSI
3, 10, 26,
31, 40,
52, 67,
88, 127,
139
PWR
PCI I / O ground pins
VSSL
18, 44,
63, 75,
92, 133
PWR
Logic ground pins
VSSOSC
112
PWR
Analog power pin. Ground for crystal oscillator circuit
VSSR
102
110
PWR
Analog power pin. Ground for receiver circuitry
VSST
101
PWR
Analog power pin. Ground for transmitter circuitry
VSSVCO
119
PWR
Analog power pin. Ground for VCO and filter input
† PWR = power
architecture
The major blocks of the TNETE100A include the PCI interface (PCIIF), protocol handler (PH), media
independent interface (MII), physical layer (PHY), FIFO pointer registers (FPREGS), FIFO SRAM (FSRAM),
and a test-access port (TAP). The functionality of these blocks is described in the following sections.
PCI interface (PCIIF)
The TNETE100A PCIIF contains a byte-aligning DMA controller that allows frames to be fragmented into any
byte length and transferred to any byte address while supporting 32-bit data streaming. For multipriority
networks, it can provide multiple data channels, each with separate lists, commands, and status. Data for the
channels is passed to and from the PH by way of circular buffer FIFOs in the SRAM, controlled through FIFO
registers. The configuration EEPROM interface (CEI), BIOS ROM /LED driver interface (BRI), configuration and
I / O memory registers (CIOREGS), and DMA controller are subblocks of the PCIIF. The features of these
subblocks are described in the following subsections.
configuration EEPROM interface (CEI)
The CEI provides a means for autoconfiguration of the PCI configuration registers. Certain registers in the PCI
configuration space can be loaded using the CEI. Autoconfiguration allows builders of TNETE100A-based
systems to customize the contents of these registers to identify their own system, rather than to use the TI
defaults. The EEPROM is read at power up and can then be read from, and written to, under program control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com