Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE100APCM Datasheet(PDF) 14 Page - Texas Instruments

Part # TNETE100APCM
Description  SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE100APCM Datasheet(HTML) 14 Page - Texas Instruments

Back Button TNETE100APCM Datasheet HTML 10Page - Texas Instruments TNETE100APCM Datasheet HTML 11Page - Texas Instruments TNETE100APCM Datasheet HTML 12Page - Texas Instruments TNETE100APCM Datasheet HTML 13Page - Texas Instruments TNETE100APCM Datasheet HTML 14Page - Texas Instruments TNETE100APCM Datasheet HTML 15Page - Texas Instruments TNETE100APCM Datasheet HTML 16Page - Texas Instruments TNETE100APCM Datasheet HTML 17Page - Texas Instruments TNETE100APCM Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
ThunderLAN
™ TNETE100A
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN
SPWS021B – OCTOBER 1995 – REVISED NOVEMBER 1996
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage (unless otherwise noted)
(logic pins)
PARAMETER
TEST CONDITIONS †
MIN
NOM
MAX
UNIT
VOH High-level output voltage, TTL-level signal
VDD = MIN,
IOH = MAX
2.4
V
VOL
Low-level output voltage, TTL-level signal
VDD = MAX,
IOL = MAX
0.5
V
IO
High impedance output current
VDD = MIN,
VO = VDD
10
µA
IO
High-impedance output current
VDD = MIN,
VO = 0 V
–10
µA
II
Input current
VI = VSS to VDD
"10
µA
Supply current @ 25 MHz (PCLK) (See Note 8)
100 Mbps
150‡
210§
IDD
Supply current @ 25 MHz (PCLK) (See Note 8)
VDD = NOM / MAX
10 Mbps
190‡
mA
IDD
Supply current @ 33 MHz (PCLK) (See Note 8)
VDD = NOM / MAX
100 Mbps
183‡
285§
mA
Supply current @ 33 MHz (PCLK) (See Note 8)
10 Mbps
228‡
Ci
Input capacitance, any input¶
f = 1 MHz,
Others at 0 V
10
pF
Co
Output capacitance, any output or input / output¶
f = 1 MHz,
Others at 0 V
10
pF
† For conditions shown as MIN / MAX, use the appropriate value specified under the recommended operating conditions.
‡ Characterized in system test not tested
§ Characterized but not tested
¶ Specified by design/process
NOTE 8: Actual operating current is less than these maximum values. These maximum values were obtained under specially produced
worst-case test conditions, which are not sustained during normal device operation.
recommended operating conditions (physical layer pins) (see Note 9)
JEDEC
SYMBOL
MIN
NOM
MAX
UNIT
VDD
Supply voltage
4.75
5
5.25
V
NOTE 9: Physical layer pins include VDDOSC, VDDR, VDDT, VDDVCO, ACOLN, ACOLP, ARCVN, ARCVP, AXMTP, AXMTN, FATEST, FIREF,
FRCVN, FRCVP, FXTL1, FXTL2, FXMTP, and FXMTN.
electrical characteristics over recommended ranges of supply voltage (unless otherwise noted)
(physical interface pins)
10 Base-T receiver input (FRCVP, FRCVN)
PARAMETER
JEDEC
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VI(DIFF) Differential input voltage#
VID
0.6
2.8
V
I(CM)
Common-mode current#
IIC
4
mA
VSQ+
Rising input pair squelch threshold (see Note 10)
VCM = VSB,
See Note 11
360
mV
VSQ –
Falling input pair squelch threshold
VCM = VSB,
See Note 11
– 360
mV
# Refer to recommended operating conditions
NOTES: 10. VSQ is the voltage level at which input is assured to be seen as data.
11. VSB is the self-bias voltage of the input pair FRCVP and FRCVN.
10 Base-T transmitter drive characteristics (FXMTP, FXMTN)
PARAMETER
JEDEC
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT
VSLW
Differential voltage at specified slew rate
VOD(SLEW)
"2.2
"2.8
V
VO(CM)
Common-mode output voltage
VOC
See Figure 3d
0
4
V
VO(DIFF)
Differential voltage output
VOD
Into open circuit
5.25
V
VO(I)
Output idle differential voltage
VOD(IDLE)
"50
mV
IO(FC)
Output current, fault condition¶
IO(FC)
300
mA
¶ Specified by design/process



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com