Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE100APCM Datasheet(PDF) 10 Page - Texas Instruments

Part # TNETE100APCM
Description  SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETE100APCM Datasheet(HTML) 10 Page - Texas Instruments

Back Button TNETE100APCM Datasheet HTML 6Page - Texas Instruments TNETE100APCM Datasheet HTML 7Page - Texas Instruments TNETE100APCM Datasheet HTML 8Page - Texas Instruments TNETE100APCM Datasheet HTML 9Page - Texas Instruments TNETE100APCM Datasheet HTML 10Page - Texas Instruments TNETE100APCM Datasheet HTML 11Page - Texas Instruments TNETE100APCM Datasheet HTML 12Page - Texas Instruments TNETE100APCM Datasheet HTML 13Page - Texas Instruments TNETE100APCM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
ThunderLAN
™ TNETE100A
PCI ETHERNET
™ CONTROLLER
SINGLE-CHIP 10 BASE-T WITH MII FOR 100 BASE-T/100VG-AnyLAN
SPWS021B – OCTOBER 1995 – REVISED NOVEMBER 1996
10
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
BIOS ROM / LED driver interface (BRI)
The BRI addresses and reads data from an external BIOS ROM through a multiplexed byte-wide bus. The ROM
address / data pins also can be multiplexed to drive external status LEDs.
configuration and I / O memory registers (CIOREGS)
The CIOREGS reside in the configuration space, which is 256 bytes in length. The first 64 bytes of the
configuration space comprise the header region, which is defined explicitly by the PCI standard.
DMA controller (DMAC)
The DMAC is responsible for coordinating TNETE100A requests for mastership of the PCI bus. The DMAC
provides byte-aligning DMA control, allowing byte-size fragmented frames to be transferred to any byte address
while supporting 32-bit data streaming.
protocol handler (PH)
The PH implements the serial protocols of the network. On transmit, it serializes data, adds framing and CRC
fields, and interfaces to the network PHY. On receive, it provides address recognition, CRC and error checking,
frame disassembly, and deserialization. Data for multiple channels is passed to and from the PH by way of
circular buffer FIFOs in the FSRAM controlled through FPREGS. The PH supports an MII that is compatible with
the IEEE 802.12 and IEEE 802.3u logic.
media-independent interface (MII)
The MII provides both MAC-level 100 Base-T (IEEE 802.3u) and 100VG-AnyLAN (IEEE 802.12) controller
functions to external PHY chips that handle the PHY functions for 100-Mbps CSMA / CD and demand priority.
The MII also is used to communicate with the on-chip 10 Base-T PHY which is located at address 0x1F.
10 Base-T physical layer (PHY)
The PHY acts as an on-chip front-end providing physical layer functions for 10 Base-5 (AUI), 10 Base-2 and
10 Base-T (twisted pair). The PHY provides Manchester encoding / decoding from MII nibble-format data, smart
squelch, jabber detection, link pulse detection, autopolarity control, 10 Base-T transmission waveshaping, and
antialiasing filtering. Connection to the AUI drop cable for the 10 Base-T twisted pair is made through simple
isolation transformers (see Figure 2) and no external filter networks are required. Suitable external termination
components allow the use of either shielded or unshielded twisted-pair cable (150
W or 100 W). Some of the
key features of the on-chip PHY are listed as follow:
D Integrated filters
D Integrated MII, including encoder/decoder
D 10 Base-T transceiver
D AUI transceiver
D 10 Base-2 transceiver
D Autopolarity (reverse polarity correction)
D Loopback for twisted pair and AUI
D Full-duplex mode for simultaneous 10 Base-T transmission and reception
D Low power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com