Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR5044BKSZ-R2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADR5044BKSZ-R2
Description  Precision Micropower Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR5044BKSZ-R2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADR5044BKSZ-R2 Datasheet HTML 3Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 4Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 5Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 6Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 7Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 8Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 9Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 10Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADR5040/ADR5041/ADR5043/ADR5044/ADR5045
Rev. A | Page 7 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, IIN = 100 μA, unless otherwise noted.
6
4
2
0
–2
–4
–6
–8
–40
–25 –10
5
20
35
50
65
80
95
110 125
TEMPERATURE (°C)
IR = 150µA
Figure 2. ADR5041 VOUT Change vs. Temperature
5
4
3
2
1
0
0
5
10
15
20
ISHUNT (mA)
–40°C
+125°C
+25°C
Figure 3. ADR5041 Reverse Voltage Change vs. ISHUNT
VIN
VOUT
10µs/DIV
Figure 4. ADR5041 Start-Up Characteristics
15
10
5
0
–5
–10
–15
–40 –25 –10
5
20355065
8095
110 125
TEMPERATURE (°C)
IR = 150µA
Figure 5. ADR5045 VOUT Change vs. Temperature
8
6
4
2
0
–2
–4
–6
–8
0
5
10
15
20
ISHUNT (mA)
–40°C
+125°C
+25°C
Figure 6. ADR5045 Reverse Voltage Change vs. ISHUNT
VIN
VOUT
10µs/DIV
Figure 7. ADR5045 Start-Up Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com