Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR5044BKSZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADR5044BKSZ-R2
Description  Precision Micropower Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR5044BKSZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADR5044BKSZ-R2 Datasheet HTML 8Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 9Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 10Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 11Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 12Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 13Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 14Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 15Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ADR5040/ADR5041/ADR5043/ADR5044/ADR5045
Rev. A | Page 13 of 16
OUTLINE DIMENSIONS
ALL DIMENSIONS COMPLIANT WITH EIAJ SC70
0.40
0.25
0.10 MAX
1.00
0.80
SEATING
PLANE
1.10
0.80
0.40
0.10
0.26
0.10
0.30
0.20
0.10
2
1
3
PIN 1
0.65 BSC
2.20
2.00
1.80
2.40
2.10
1.80
1.35
1.25
1.15
0.10 COPLANARITY
Figure 24. 3-Lead Thin Shrink Small Outline Transistor Package [SC70]
(KS-3)
Dimensions shown in millimeters
COMPLIANT TO JEDEC STANDARDS TO-236-AB
1
2
3
SEATING
PLANE
2.64
2.10
3.04
2.80
1.40
1.20
2.05
1.78
0.100
0.013
1.03
0.89
0.60
0.45
0.51
0.37
1.12
0.89
0.180
0.085
0.55
REF
Figure 25. 3-Lead Small Outline Transistor Package [SOT-23-3]
(RT-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Output
Voltage
(V)
Initial
Accuracy
(mV)
Tempco
Industrial
(ppm/°C)
Temperature
Range
Package
Description
Package
Option
Ordering
Quantity
Branding
ADR5040AKSZ-R21
2.048
4.096
100
–40°C to +125°C
3-Lead SC70
KS-3
250
R2J
ADR5040AKSZ-REEL1
2.048
4.096
100
–40°C to +125°C
3-Lead SC70
KS-3
10,000
R2J
ADR5040AKSZ-REEL71
2.048
4.096
100
–40°C to +125°C
3-Lead SC70
KS-3
3,000
R2J
ADR5040ARTZ-R21
2.048
4.096
100
–40°C to +125°C
3-Lead SOT-23-3
RT-3
250
R2J
ADR5040ARTZ-REEL1
2.048
4.096
100
–40°C to +125°C
3-Lead SOT-23-3
RT-3
10,000
R2J
ADR5040ARTZ-REEL71
2.048
4.096
100
–40°C to +125°C
3-Lead SOT-23-3
RT-3
3,000
R2J
ADR5040BKSZ-R21
2.048
2.048
75
–40°C to +125°C
3-Lead SC70
KS-3
250
R2L
ADR5040BKSZ-REEL71
2.048
2.048
75
–40°C to +125°C
3-Lead SC70
KS-3
3,000
R2L
ADR5040BRTZ-R21
2.048
2.048
75
–40°C to +125°C
3-Lead SOT-23-3
RT-3
250
R2L
ADR5040BRTZ-REEL71
2.048
2.048
75
–40°C to +125°C
3-Lead SOT-23-3
RT-3
3,000
R2L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com