Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR5044BKSZ-R2 Datasheet(PDF) 12 Page - Analog Devices

Part # ADR5044BKSZ-R2
Description  Precision Micropower Shunt Mode Voltage References
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR5044BKSZ-R2 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADR5044BKSZ-R2 Datasheet HTML 8Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 9Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 10Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 11Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 12Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 13Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 14Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 15Page - Analog Devices ADR5044BKSZ-R2 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADR5040/ADR5041/ADR5043/ADR5044/ADR5045
Rev. A | Page 12 of 16
Adjustable Precision Voltage Source
The ADR5040/ADR5041/ADR5043/ADR5044/ADR5045,
combined with a precision low input bias op amp such as the
AD8610, can be used to output a precise adjustable voltage.
Figure 22 illustrates the implementation of this application
using the ADR5040/ADR5041/ADR5043/ADR5044/ADR5045.
The output of the op amp, VOUT, is determined by the gain of the
circuit, which is completely dependent on the resistors, R1 and R2.
VOUT = (1 + R2/R1)VREF
An additional capacitor, C1, in parallel with R2, can be added to
filter out high frequency noise. The value of C1 is dependent on
the value of R2.
AD8610
RBIAS
VREF
GND
R1
R2
C1
(OPTIONAL)
VOUT = VREF (1 + R2/R1)
ADR5040/ADR5041/
ADR5043/ADR5044/
ADR5045
VCC
Figure 22. Adjustable Voltage Source
Programmable Current Source
By using just a few ultrasmall and inexpensive parts, it is possible
to build a programmable current source, as shown in Figure 23.
The constant voltage on the gate of the transistor sets the current
through the load. Varying the voltage on the gate changes the
current. The AD5247 is a digital potentiometer with I2C® digital
interface, and the AD8601 is a precision rail-to-rail input op
amp. Each incremental step of the digital potentiometer increases
or decreases the voltage at the noninverting input of the op amp.
Therefore, this voltage varies with respect to the reference
voltage.
ILOAD
AD8601
V+
V–
AD5247
ADR5040/
ADR5041/
ADR5043/
ADR5044/
ADR5045
RSENSE
RBIAS
VDD
Figure 23. Programmable Current Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com