Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1807CS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1807CS8
Description  Gain-Bandwidth Product: 325MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1807CS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1807CS8 Datasheet HTML 8Page - Linear Technology LT1807CS8 Datasheet HTML 9Page - Linear Technology LT1807CS8 Datasheet HTML 10Page - Linear Technology LT1807CS8 Datasheet HTML 11Page - Linear Technology LT1807CS8 Datasheet HTML 12Page - Linear Technology LT1807CS8 Datasheet HTML 13Page - Linear Technology LT1807CS8 Datasheet HTML 14Page - Linear Technology LT1807CS8 Datasheet HTML 15Page - Linear Technology LT1807CS8 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LT1806/LT1807
12
18067fc
TOTAL SUPPLY VOLTAGE (V)
1.0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
2.0
3.0
3.5
18067 G10
–0.6
0.6
0.8
0.2
1.5
2.5
4.0
4.5
5.0
TA = 125°C
TA = –55°C
TA = 25°C
POWER SUPPLY VOLTAGE ( V)
1.5
–40
80
100
120
2.5
3.5
4.0
18067 G11
–80
40
0
–60
60
–100
20
–20
2.0
3.0
4.5
5.0
TA = –55°C
TA = –55°C
TA = 125°C
TA = 25°C
“SINKING”
“SOURCING”
TA = 125°C
TA = 25°C
SHDN PIN VOLTAGE (V)
0
0
2
6
8
10
2
4
5
18
18067 G12
4
13
12
14
16
TA = 125°C
TA = –55°C
TA = 25°C
VS = 5V, 0V
Minimum Supply Voltage
Output Short-Circuit Current
vs Power Supply Voltage
Supply Current
vs SHDN Pin Voltage
TYPICAL PERFORMANCE CHARACTERISTICS
TOTAL SUPPLY VOLTAGE (V)
0
12
18067 G04
345
2
1
678
910 11
20
15
10
5
0
TA = 125°C
TA = 25°C
TA = –55°C
INPUT COMMON MODE VOLTAGE (V)
0
100
300
500
4
18067 G05
–100
–300
0
200
400
–200
–400
–500
1
2
3
5
TA = 125°C
TA = –55°C
TA = 25°C
VS = 5V, 0V
TYPICAL PART
COMMON MODE VOLTAGE (V)
–1
–10
–5
0
5
01
2
3
18067 G06
45
6
TA = 125°C
TA = 25°C
TA = –55°C
VS = 5V, 0V
TA = 125°C
TA = 25°C
TA = –55°C
Supply Current per Amp
vs Supply Voltage
Offset Voltage
vs Input Common Mode
Input Bias Current
vs Common Mode Voltage
TEMPERATURE (°C)
–50
–8
–7
–5
–4
–3
2
–1
–20
10
25
85
18067 G07
–6
0
1
–2
–35
–5
40
55
70
NPN ACTIVE
VS = 5V, 0V
VCM = 5V
PNP ACTIVE
VS = 5V, 0V
VCM = 0V
LOAD CURRENT (mA)
0.01
0.001
0.1
10
0.1
1
10
100
18067 G08
0.01
1
VS = 5V
TA = 125°C
TA = 25°C
TA = –55°C
LOAD CURRENT (mA)
0.01
0.001
0.1
10
1
100
0.1
10
18067 G09
0.01
1
TA = 125°C
TA = –55°C
TA = 25°C
VS = 5V
Input Bias Current vs Temperature
Output Saturation Voltage
vs Load Current (Output Low)
Output Saturation Voltage
vs Load Current (Output High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com