Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1807CS8 Datasheet(PDF) 24 Page - Linear Technology

Part # LT1807CS8
Description  Gain-Bandwidth Product: 325MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1807CS8 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT1807CS8 Datasheet HTML 20Page - Linear Technology LT1807CS8 Datasheet HTML 21Page - Linear Technology LT1807CS8 Datasheet HTML 22Page - Linear Technology LT1807CS8 Datasheet HTML 23Page - Linear Technology LT1807CS8 Datasheet HTML 24Page - Linear Technology LT1807CS8 Datasheet HTML 25Page - Linear Technology LT1807CS8 Datasheet HTML 26Page - Linear Technology LT1807CS8 Datasheet HTML 27Page - Linear Technology LT1807CS8 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LT1806/LT1807
24
18067fc
TYPICAL APPLICATIONS
1MHz Series Resonant Crystal Oscillator with Square
and Sinusoid Outputs
Figure 8 shows a classic 1MHz series resonant crystal
oscillator. At series resonance, the crystal is a low imped-
ance and the positive feedback connection is what brings
about oscillation at the series resonance frequency. The
RC feedback around the other path ensures that the circuit
does not find a stable DC operating point and refuse to
oscillate. The comparator output is a 1MHz square wave
with a measured jitter of 28psRMS with a 5V supply and
40psRMS with a 3V supply. On the other side of the crystal,
however, is an excellent looking sine wave except for the
fact of the small high frequency glitch caused by the fast
edge and the crystal capacitance (middle trace of Figure 9).
Sinusoid amplitude stability is maintained by the fact that
the sine wave is basically a filtered version of the square
wave; the usual amplitude control loops associated with
sinusoidal oscillators are not immediately necessary.1
One can make use of this sine wave by buffering and
filtering it, and this is the combined task of the LT1806. It
is configured as a bandpass filter with a Q of 5 and does
a good job of cleaning up and buffering the sine wave.
Distortion was measured at –70dBc and –60dBc on the
second and third harmonics.
Figure 8. LT1713 Comparator is Configured as a Series Resonant Crystal Oscillator.
The LT1806 Op Amp is Configured in a Q = 5 Bandpass Filter with fC = 1MHz
–
+
8
SQUARE WAVE
VS
VS
VS
1
7
4
5
R3
1k
R4
210Ω
R1
1k
R8
2k
R9
2k
R5
6.49k
1k
R7
15.8k
R2
1k
1MHZ
AT-CUT
C1
0.1μF
6
3
2
C2
0.1μF
C4
100pF
C3
100pF
LT1713
–
+
VS
7
6
1 (NC)
4
18067 F08
VS = 2.7V TO 6V
3
2
LT1806
LE
R6
162Ω
100pF
SINE WAVE
200ns/DIV
1V/DIV
1V/DIV
3V/DIV
18067 F09
1Amplitude will be a linear function of comparator output swing, which is supply dependent and
therefore controllable. The important difference here is that any added amplitude stabilization loop
will not be faced with the classical task of avoiding regions of nonoscillation versus clipping.
Figure 9. Oscillator Waveforms with VS = 3V. Top Trace is Comparator Output.
Middle Trace is Crystal Feedback to Pin 2 at LT1713. Bottom Trace is Buffered,
Inverted and Bandpass Filtered with a Q of 5 by the LT1806



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com