Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1807CS8 Datasheet(PDF) 26 Page - Linear Technology

Part # LT1807CS8
Description  Gain-Bandwidth Product: 325MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1807CS8 Datasheet(HTML) 26 Page - Linear Technology

Back Button LT1807CS8 Datasheet HTML 20Page - Linear Technology LT1807CS8 Datasheet HTML 21Page - Linear Technology LT1807CS8 Datasheet HTML 22Page - Linear Technology LT1807CS8 Datasheet HTML 23Page - Linear Technology LT1807CS8 Datasheet HTML 24Page - Linear Technology LT1807CS8 Datasheet HTML 25Page - Linear Technology LT1807CS8 Datasheet HTML 26Page - Linear Technology LT1807CS8 Datasheet HTML 27Page - Linear Technology LT1807CS8 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
LT1806/LT1807
26
18067fc
MSOP (MS8) 0307 REV F
0.53
0.152
(.021
.006)
SEATING
PLANE
NOTE:
1. DIMENSIONS IN MILLIMETER/(INCH)
2. DRAWING NOT TO SCALE
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
0.18
(.007)
0.254
(.010)
1.10
(.043)
MAX
0.22 – 0.38
(.009 – .015)
TYP
0.1016
0.0508
(.004
.002)
0.86
(.034)
REF
0.65
(.0256)
BSC
0 – 6 TYP
DETAIL “A”
DETAIL “A”
GAUGE PLANE
12
3
4
4.90
0.152
(.193
.006)
8
7 6 5
3.00
0.102
(.118
.004)
(NOTE 3)
3.00
0.102
(.118
.004)
(NOTE 4)
0.52
(.0205)
REF
5.23
(.206)
MIN
3.20 – 3.45
(.126 – .136)
0.889
0.127
(.035
.005)
RECOMMENDED SOLDER PAD LAYOUT
0.42
0.038
(.0165
.0015)
TYP
0.65
(.0256)
BSC
PACKAGE DESCRIPTION
MS8 Package
8-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1660 Rev F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com