Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8537 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 4Page - NXP Semiconductors PCF8537 Datasheet HTML 5Page - NXP Semiconductors PCF8537 Datasheet HTML 6Page - NXP Semiconductors PCF8537 Datasheet HTML 7Page - NXP Semiconductors PCF8537 Datasheet HTML 8Page - NXP Semiconductors PCF8537 Datasheet HTML 9Page - NXP Semiconductors PCF8537 Datasheet HTML 10Page - NXP Semiconductors PCF8537 Datasheet HTML 11Page - NXP Semiconductors PCF8537 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
8 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
8.1.1 Command: Initialize
This command generates a chip-wide reset which resets all command values to their
default values. After this command is sent, it is possible to send additional commands
without the need to re-initialize the interface. The reset takes 100 ns to complete.
8.1.2 Command: OTP-refresh
During production and testing of the device, each IC is calibrated to achieve the specified
accuracy of VLCD, the frame frequency, and the temperature measurement. This
calibration is performed on EPROM cells called One Time Programmable (OTP) cells.
The device reads these cells every time at power-on, after a reset, and every time when
the initialize command or the OTP-refresh command is sent.
Remark: It is recommended not to enter power-down mode during the OTP refresh cycle.
8.1.3 Command: Oscillator-ctrl
The Oscillator-ctrl command switches between internal and external oscillator and
enables or disables the pin CLK.
[1]
Default value.
8.1.3.1
Oscillator
The internal logic and LCD drive signals of the PCF8537 are timed either by the built-in
oscillator or from an external clock.
Table 5.
Initialize - initialize command bit description
For further information, see Section 8.2 on page 17.
Bit
Symbol
Binary value
Description
7 to 0
-
00111010
fixed value
Table 6.
OTP-refresh - OTP-refresh command bit description
Bit
Symbol
Binary value
Description
7 to 0
-
11010000
fixed value
Table 7.
Oscillator-ctrl - oscillator control command bit description
For further information, see Section 8.1.3.1.
Bit
Symbol
Binary value
Description
7 to 2
-
110011
fixed value
1COE
control pin CLK
0[1]
clock signal not available on pin CLK;
pin CLK is in 3-state and may be left floating
1
clock signal available on pin CLK
0OSC
oscillator source
0[1]
internal oscillator used
1
external oscillator used;
pin CLK becomes an input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com