Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8537 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 8Page - NXP Semiconductors PCF8537 Datasheet HTML 9Page - NXP Semiconductors PCF8537 Datasheet HTML 10Page - NXP Semiconductors PCF8537 Datasheet HTML 11Page - NXP Semiconductors PCF8537 Datasheet HTML 12Page - NXP Semiconductors PCF8537 Datasheet HTML 13Page - NXP Semiconductors PCF8537 Datasheet HTML 14Page - NXP Semiconductors PCF8537 Datasheet HTML 15Page - NXP Semiconductors PCF8537 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
12 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
8.1.9 Command: Set-MUX-mode
The multiplex drive mode is configured with the bits described in Table 13.
[1]
Default value.
8.1.10 Command: Set-bias-mode
The Set-bias-mode command allows setting the bias level.
[1]
Not applicable for static drive mode.
[2]
Default value.
8.1.11 Command: Load-data-pointer
The Load-data-pointer command defines the display RAM address where the following
display data will be sent to.
Table 13.
Set-MUX-mode - set multiplex drive mode command bit description
For further information, see Section 8.4.5 on page 31.
Bit
Symbol
Binary value
Description
7 to 3
-
00000
fixed value
2 to 0
M[2:0]
000[1]
011
101
111
1:8 multiplex drive mode
8 backplanes and 44 segments
110
1:6 multiplex drive mode
6 backplanes and 46 segments
100
1:4 multiplex drive mode
4 backplanes and 44 segments
010
1:2 multiplex drive mode
2 backplanes and 44 segments
001
static drive mode
1 backplane and 44 segments
Table 14.
Set-bias-mode - set bias mode command bit description
For further information, see Section 8.4.5 on page 31.
Bit
Symbol
Binary value
Description
7 to 2
-
110001
fixed value
1 to 0
B[1:0]
LCD bias configuration[1]
00[2]
01
1⁄4 bias
11
1⁄3 bias
10
1⁄2 bias
Table 15.
Load-data-pointer - load data pointer command bit description
For further information, see Section 8.8 on page 44.
Bit
Symbol
Binary value
Description
7 to 6
-
10
fixed value
5 to 0
P[5:0]
000000 to
101101
RAM address
6-bit binary value of 0 to 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com