Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8537 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF8537
Description  Industrial LCD driver for multiplex rates up to 1:8
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8537 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF8537 Datasheet HTML 9Page - NXP Semiconductors PCF8537 Datasheet HTML 10Page - NXP Semiconductors PCF8537 Datasheet HTML 11Page - NXP Semiconductors PCF8537 Datasheet HTML 12Page - NXP Semiconductors PCF8537 Datasheet HTML 13Page - NXP Semiconductors PCF8537 Datasheet HTML 14Page - NXP Semiconductors PCF8537 Datasheet HTML 15Page - NXP Semiconductors PCF8537 Datasheet HTML 16Page - NXP Semiconductors PCF8537 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 82 page
background image
PCF8537
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 1 — 31 May 2012
13 of 82
NXP Semiconductors
PCF8537
Industrial LCD driver for multiplex rates up to 1:8
8.1.12 Command: Frame-frequency
With the Frame-frequency command, the frame frequency and the output clock frequency
can be configured.
[1]
Nominal frame frequency calculated for the default clock frequency of 9600 Hz.
[2]
Duty cycle definition: % HIGH-level time : % LOW-level time.
[3]
Default value.
Table 16.
Frame frequency - frame frequency and output clock frequency command bit
description
Bit
Symbol
Binary value
Description
7 to 5
-
011
fixed value
4 to 0
F[4:0]
see Table 17
frame frequency values, see Table 17
Table 17.
Frame frequency values
F[4:0]
Nominal frame
frequency ffr (Hz)[1]
Resultant output
clock frequency,
fclk(o) (Hz)
Duty cycle (%)[2]
00000
60
2880
20 : 80
00001
70
3360
7 : 93
00010
80
3840
47 : 53
00011
91
4368
40 : 60
00100
100
4800
33 : 67
00101
109
5232
27 : 73
00110
120
5760
20 : 80
00111
129.7
6226
13 : 87
01000
141.2
6778
5 : 95
01001
150
7200
50 : 50
01010
160
7680
47 : 53
01011
171.4
8227
43 : 57
01100
177.8
8534
41 : 59
01101
192
9216
36 : 64
01110[3]
200
9600
33 : 67
01111
208.7
10018
30 : 70
10000
218.2
10474
27 : 73
10001
228.6
10973
23 : 77
10010
240
11520
20 : 80
10011
252.6
12125
16 : 84
10100, 10101
266.7
12802
10 : 90
10110, 10111
282.4
13555
5 : 95
11000 to 11111
300
14400
50 : 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com