Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1735IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC1735IGN
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC1735IGN Datasheet HTML 8Page - Linear Technology LTC1735IGN Datasheet HTML 9Page - Linear Technology LTC1735IGN Datasheet HTML 10Page - Linear Technology LTC1735IGN Datasheet HTML 11Page - Linear Technology LTC1735IGN Datasheet HTML 12Page - Linear Technology LTC1735IGN Datasheet HTML 13Page - Linear Technology LTC1735IGN Datasheet HTML 14Page - Linear Technology LTC1735IGN Datasheet HTML 15Page - Linear Technology LTC1735IGN Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
12
LTC1735
1735fc
The internal oscillator runs at its nominal frequency (fO)
when the FCB pin is pulled high to INTVCC or connected to
ground. Clocking the FCB pin above and below 0.8V will
cause the internal oscillator to injection lock to an external
clock signal applied to the FCB pin with a frequency
between 0.9fO and 1.3fO. The clock high level must exceed
1.3V for at least 0.3
µs and the clock low level must be less
than 0.3V for at least 0.3
µs. The top MOSFET turn-on will
synchronize with the rising edge of the clock.
Attempting to synchronize to too high an external fre-
quency (above 1.3fO) can result in inadequate slope com-
pensation and possible loop instability. If this condition
exists simply lower the value of COSC so fEXT = fO according
to Figure 2.
APPLICATIO S I FOR ATIO
of smaller inductor and capacitor values. So why would
anyone ever choose to operate at lower frequencies with
larger components? The answer is efficiency. A higher
frequency generally results in lower efficiency because of
MOSFET gate charge losses. In addition to this basic trade
off, the effect of inductor value on ripple current and low
current operation must also be considered.
The inductor value has a direct effect on ripple current. The
inductor ripple current
∆IL decreases with higher induc-
tance or frequency and increases with higher VIN or VOUT:
∆I
fL
V
V
V
L
OUT
OUT
IN
=
1
1
()( )
Accepting larger values of
∆IL allows the use of low
inductances, but results in higher output voltage ripple
and greater core losses. A reasonable starting point for
setting ripple current is
∆IL= 0.3 to 0.4(IMAX). Remember,
the maximum
∆IL occurs at the maximum input voltage.
The inductor value also has an effect on low current
operation. The transition to low current operation begins
when the inductor current reaches zero while the bottom
MOSFET is on. Burst Mode operation begins when the
average inductor current required results in a peak current
below 25% of the current limit determined by RSENSE.
Lower inductor values (higher
∆IL) will cause this to occur
at higher load currents, which can cause a dip in efficiency
in the upper range of low current operation. In Burst Mode
operation, lower inductance values will cause the burst
frequency to decrease.
Inductor Core Selection
Once the value for L is known, the type of inductor must be
selected. High efficiency converters generally cannot af-
ford the core loss found in low cost powdered iron cores,
forcing the use of more expensive ferrite, molypermalloy
or Kool M
µ® cores. Actual core loss is independent of
core size for a fixed inductor value, but it is very dependent
on inductance selected. As inductance increases, core
losses decrease. Unfortunately, increased inductance re-
quires more turns of wire and therefore copper losses will
increase.
Figure 2. Timing Capacitor Value
OPERATING FREQUENCY (kHZ)
0
100
200
300
400
500
600
1735 F02
100.0
87.5
75.0
62.5
50.0
37.5
25.0
12.5
0
When synchronized to an external clock, Burst Mode
operation is disabled but the inductor current is not
allowed to reverse. The 25% minimum inductor current
clamp present in Burst Mode operation is removed,
providing constant frequency discontinuous operation
over the widest possible output current range. In this
mode the synchronous MOSFET is forced on once every
10 clock cycles to recharge the bootstrap capacitor. This
minimizes audible noise while maintaining reasonably
high efficiency.
Inductor Value Calculation
The operating frequency and inductor selection are inter-
related in that higher operating frequencies allow the use
Kool M
µ is a registered trademark of Magnetics, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com