Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1735IGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1735IGN
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735IGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1735IGN Datasheet HTML 2Page - Linear Technology LTC1735IGN Datasheet HTML 3Page - Linear Technology LTC1735IGN Datasheet HTML 4Page - Linear Technology LTC1735IGN Datasheet HTML 5Page - Linear Technology LTC1735IGN Datasheet HTML 6Page - Linear Technology LTC1735IGN Datasheet HTML 7Page - Linear Technology LTC1735IGN Datasheet HTML 8Page - Linear Technology LTC1735IGN Datasheet HTML 9Page - Linear Technology LTC1735IGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
6
LTC1735
1735fc
TYPICAL PERFOR A CE CHARACTERISTICS
Oscillator Frequency
vs Temperature
TEMPERATURE (
°C)
–40
–15
250
270
300
10
60
85
1735 G19
260
290
280
35
110
135
COSC = 47pF
RUN/SS Pin Current
vs Temperature
TEMPERATURE (
°C)
–40
–15
–5
–3
0
10
60
85
1735 G20
–4
–1
–2
35
110
135
VRUN/SS = 0V
TEMPERATURE (
°C)
–40
–15
–1.0
–0.6
0
10
60
85
1735 G21
–0.8
–0.2
–0.4
35
110
135
VFCB = 0.85V
FCB Pin Current vs Temperature
Output Current vs Duty Cycle
SENSE Pins Total Source Current
ITH Voltage vs Load Current
DUTY CYCLE (%)
0
0
20
40
60
80
100
20
40
60
80
1735 G14
100
fSYNC = fO
IOUT/IMAX (SYNC)
IOUT/IMAX
(FREE RUN)
VSENSE COMMON MODE VOLTAGE (V)
0
0
1735 G16
–50
–100
24
50
100
6
LOAD CURRENT (A)
0
0
0.5
1.0
1.5
2.0
2.5
1
23
4
1735 G17
56
VIN = 10V
VOUT = 3.3V
RSENSE = 0.01Ω
fO = 300kHz
CONTINUOUS
MODE
Burst Mode
OPERATION
SYNCHRONIZED f = fO
Supply Current in Shutdown
vs VRUN/SS
VRUN/SS
0
0
10
30
40
50
100
70
0.5
1
1735 G28
20
80
90
60
1.5
2
TEMPERATURE (
°C)
–50
0
5
10
15
20
25
30
0
50
100
150
1735 G29
Supply Current in Shutdown
vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com