Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1735IGN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1735IGN
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735IGN Datasheet(HTML) 3 Page - Linear Technology

  LTC1735IGN Datasheet HTML 1Page - Linear Technology LTC1735IGN Datasheet HTML 2Page - Linear Technology LTC1735IGN Datasheet HTML 3Page - Linear Technology LTC1735IGN Datasheet HTML 4Page - Linear Technology LTC1735IGN Datasheet HTML 5Page - Linear Technology LTC1735IGN Datasheet HTML 6Page - Linear Technology LTC1735IGN Datasheet HTML 7Page - Linear Technology LTC1735IGN Datasheet HTML 8Page - Linear Technology LTC1735IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
3
LTC1735
1735fc
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ELECTRICAL CHARACTERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 15V, VRUN/SS = 5V unless otherwise noted.
VOVL
Feedback Overvoltage Lockout
q
0.84
0.86
0.88
V
IQ
Input DC Supply Current
(Note 4)
Normal Mode
450
µA
Shutdown
VRUN/SS = 0V
15
25
µA
VRUN/SS
Run Pin Start Threshold
VRUN/SS, Ramping Positive
1.0
1.5
1.9
V
VRUN/SS
Run Pin Begin Latchoff Threshold
VRUN/SS, Ramping Positive
4.1
4.5
V
IRUN/SS
Soft-Start Charge Current
VRUN/SS = 0V
– 0.7
– 1.2
µA
ISCL
RUN/SS Discharge Current
Soft Short Condition, VOSENSE = 0.5V,
0.5
2
4
µA
VRUN/SS = 4.5V
UVLO
Undervoltage Lockout
Measured at VIN Pin (VIN Ramping Down)
q
3.5
3.9
V
∆VSENSE(MAX)
Maximum Current Sense Threshold
VOSENSE = 0.7V
q
60
75
85
mV
ISENSE
Sense Pins Total Source Current
VSENSE– = VSENSE+ = 0V
60
80
µA
tON(MIN)
Minimum On-Time
Tested with a Square Wave (Note 6)
160
200
ns
TG Transition Time:
(Note 7)
TG tr
Rise Time
CLOAD = 3300pF
50
90
ns
TG tf
Fall Time
CLOAD = 3300pF
50
90
ns
BG Transition Time:
(Note 7)
BG tr
Rise Time
CLOAD = 3300pF
50
90
ns
BG tf
Fall Time
CLOAD = 3300pF
40
80
ns
TG/BG t1D
Top Gate Off to Synchronous
CLOAD = 3300pF Each Driver
100
ns
Gate On Delay Time
TG/BG t2D
Synchronous Gate Off to Top
CLOAD = 3300pF Each Driver
70
ns
Gate On Delay Time
Internal VCC Regulator
VINTVCC
Internal VCC Voltage
6V < VIN < 30V, VEXTVCC = 4V
5.0
5.2
5.4
V
VLDO(INT)
Internal VCC Load Regulation
ICC = 0 to 20mA, VEXTVCC = 4V
0.2
1
%
VLDO(EXT)
EXTVCC Drop Voltage
ICC = 20mA, VEXTVCC = 5V
130
200
mV
VEXTVCC
EXTVCC Switchover Voltage
ICC = 20mA, EXTVCC Ramping Positive
q
4.5
4.7
V
VEXTVCC(HYS)
EXTVCC Hysteresis
0.2
V
Oscillator
fOSC
Oscillator Frequency
COSC = 43pF (Note 5)
265
300
335
kHz
fH/fOSC
Maximum Sync Frequency Ratio
1.3
fFCB(SYNC)
FCB Pin Threshold For Sync
Ramping Negative
0.9
1.2
V
PGOOD Output (LTC1735F Only)
VPGL
PGOOD Voltage Low
IPGOOD = 2mA
110
200
mV
IPGOOD
PGOOD Leakage Current
VPGOOD = 5V
±1
µA
VPG
PGOOD Trip Level
VOSENSE with Respect to Set Output Voltage
VOSENSE Ramping Negative
– 6.0
– 7.5
– 9.5
%
VOSENSE Ramping Positive
6.0
7.5
9.5
%
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formulas:
LTC1735CS, LTC1735IS: TJ = TA + (PD • 110 °C/W)
LTC1735CGN, LTC1735IGN, LTC1735EGN: TJ = TA + (PD • 130°C/W)
LTC1735CF, LTC1735IF: TJ = TA + (PD • 110°C/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com