Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 11 Page - Linear Technology

Part # LTM4607
Description  High Efficiency, Synchronous,4-Switch Buck-Boost Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 7Page - Linear Technology LTM4607 Datasheet HTML 8Page - Linear Technology LTM4607 Datasheet HTML 9Page - Linear Technology LTM4607 Datasheet HTML 10Page - Linear Technology LTM4607 Datasheet HTML 11Page - Linear Technology LTM4607 Datasheet HTML 12Page - Linear Technology LTM4607 Datasheet HTML 13Page - Linear Technology LTM4607 Datasheet HTML 14Page - Linear Technology LTM4607 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
LTC3780
11
3780ff
For more information www.linear.com/LTC3780
pin FuncTions (SSOP/QFN)
BG2, BG1 (Pins 16, 18/Pins 18, 20): Bottom Gate Drive.
Drives the gate of the bottom N-channel MOSFET between
ground and INTVCC.
PGND (Pin 17/Pin 19): Power Ground. Connect this pin
closely to the source of the bottom N-channel MOSFET, the
(–)terminalofCVCCandthe(–)terminalofCIN(Figure11).
INTVCC(Pin19/Pin21):Internal6VRegulatorOutput.The
driver and control circuits are powered from this voltage.
Bypass this pin to ground with a minimum of 4.7µF low
ESR tantalum or ceramic capacitor.
EXTVCC (Pin 20/Pin 22): External VCC Input. When EXT-
VCC exceeds 5.7V, an internal switch connects this pin to
INTVCC and shuts down the internal regulator so that the
controller and gate drive power is drawn from EXTVCC. Do
not exceed 7V at this pin and ensure that EXTVCC < VIN.
VIN (Pin 21/Pin 23): Main Input Supply. Bypass this pin
to SGND with an RC filter (1Ω, 0.1µF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com