Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 18 Page - Linear Technology

Part # LTM4607
Description  High Efficiency, Synchronous,4-Switch Buck-Boost Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 14Page - Linear Technology LTM4607 Datasheet HTML 15Page - Linear Technology LTM4607 Datasheet HTML 16Page - Linear Technology LTM4607 Datasheet HTML 17Page - Linear Technology LTM4607 Datasheet HTML 18Page - Linear Technology LTM4607 Datasheet HTML 19Page - Linear Technology LTM4607 Datasheet HTML 20Page - Linear Technology LTM4607 Datasheet HTML 21Page - Linear Technology LTM4607 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
LTC3780
18
3780ff
For more information www.linear.com/LTC3780
applicaTions inForMaTion
where
∆IL is peak-to-peak inductor ripple current. In buck
mode, the maximum average load current is:
IOUT(MAX,BUCK) =
130mV
RSENSE
+ ∆
IL
2
Figure 8 shows how the load current (IMAXLOAD • RSENSE)
varies with input and output voltage
The maximum current sensing RSENSE value for the boost
mode is:
RSENSE(MAX) =
2•160mV • VIN(MIN)
2•IOUT(MAX,BOOST) • VOUT + ∆IL,BOOST • VIN(MIN)
The maximum current sensing RSENSE value for the buck
mode is:
RSENSE(MAX) =
2•130mV
2•IOUT(MAX,BUCK) – ∆IL,BUCK
The final RSENSE value should be lower than the calculated
RSENSE(MAX) in both the boost and buck modes. A 20% to
30% margin is usually recommended.
CIN and COUT Selection
In boost mode, input current is continuous. In buck mode,
inputcurrentisdiscontinuous.Inbuckmode,theselection
of input capacitor CIN is driven by the need to filter the
input square wave current. Use a low ESR capacitor sized
to handle the maximum RMS current. For buck operation,
the input RMS current is given by:
IRMS ≈IOUT(MAX)
VOUT
VIN
VIN
VOUT
– 1
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT(MAX)/2. This simple worst-case condition
is commonly used for design because even significant
deviations do not offer much relief. Note that ripple cur-
rentratingsfromcapacitormanufacturersareoftenbased
on only 2000 hours of life which makes it advisable to
derate the capacitor.
In boost mode, the discontinuous current shifts from the
input to the output, so COUT must be capable of reducing
the output voltage ripple. The effects of ESR (equivalent
series resistance) and the bulk capacitance must be
considered when choosing the right capacitor for a given
output ripple voltage. The steady ripple due to charging
and discharging the bulk capacitance is given by:
Ripple (Boost,Cap) =
IOUT(MAX) • VOUT – VIN(MIN)
(
)
COUT • VOUT • f
V
Ripple (Buck,Cap) =
IOUT(MAX) • VIN(MAX) – VOUT
(
)
COUT • VIN(MAX) • f
V
where COUT is the output filter capacitor.
The steady ripple due to the voltage drop across the ESR
is given by:
∆VBOOST,ESR = IL(MAX,BOOST) • ESR
∆VBUCK,ESR = IL(MAX,BUCK) • ESR
Multiple capacitors placed in parallel may be needed to
meet the ESR and RMS current handling requirements.
Dry tantalum, special polymer, aluminum electrolytic and
ceramic capacitors are all available in surface mount
packages. Ceramic capacitors have excellent low ESR
characteristics but can have a high voltage coefficient.
Capacitors are now available with low ESR and high ripple
current ratings, such as OS-CON and POSCAP.
VIN/VOUT (V)
0.1
100
110
120
130
140
160
1
10
3780 F08
150
Figure 8. Load Current vs VIN/VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com