Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4607 Datasheet(PDF) 24 Page - Linear Technology

Part # LTM4607
Description  High Efficiency, Synchronous,4-Switch Buck-Boost Controller
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4607 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTM4607 Datasheet HTML 20Page - Linear Technology LTM4607 Datasheet HTML 21Page - Linear Technology LTM4607 Datasheet HTML 22Page - Linear Technology LTM4607 Datasheet HTML 23Page - Linear Technology LTM4607 Datasheet HTML 24Page - Linear Technology LTM4607 Datasheet HTML 25Page - Linear Technology LTM4607 Datasheet HTML 26Page - Linear Technology LTM4607 Datasheet HTML 27Page - Linear Technology LTM4607 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
LTC3780
24
3780ff
For more information www.linear.com/LTC3780
applicaTions inForMaTion
Double-check the TJ in the MOSFET with 70°C ambient
temperature:
TJ = 70°C + 1.94W • 40°C/W = 147.6°C
The maximum power dissipation of switch B occurs in
buck mode. Assuming a junction temperature of TJ = 80°C
with
ρ80°C = 1.2, the power dissipation at VIN = 18V is:
PB,BUCK =
18 –12
18
•52 •1.2•0.009 = 90mW
Double-check the TJ in the MOSFET at 70°C ambient
temperature:
TJ = 70°C + 0.09W • 40°C/W = 73.6°C
ThemaximumpowerdissipationofswitchCoccursinboost
mode.AssumingajunctiontemperatureofTJ=110°Cwith
ρ110°C = 1.4, the power dissipation at VIN = 5V is:
PC,BOOST =
12– 5
(
)•12
52
•52 •1.4•0.009
+ 2•123
5
5
•150p• 400k
= 1.27W
Double-check the TJ in the MOSFET at 70°C ambient
temperature:
TJ = 70°C + 1.08W • 40°C/W = 113°C
The maximum power dissipation of switch D occurs
in boost mode when its duty cycle is higher than 50%.
Assuming a junction temperature of TJ = 100°C with
ρ100°C = 1.35, the power dissipation at VIN = 5V is:
PW
DBOOST
,
••
•. •.
.
=


=
5
12
12
5
51 35 0 009 073
2
Double-check the TJ in the MOSFET at 70°C ambient
temperature:
TJ = 70°C + 0.73W • 40°C/W = 99°C
CIN is chosen to filter the square current in buck mode. In
this mode, the maximum input current peak is:
IA
IN PEAK MAXBUCK
,(
,)
%
.
=+


=
51
29
2
57
A low ESR (10mΩ) capacitor is selected. Input voltage
ripple is 57mV (assuming ESR dominate ripple).
COUT is chosen to filter the square current in boost mode.
In this mode, the maximum output current peak is:
IOUT PEAK MAXBOOST
,(
,)
••
%
.
=+


=
12
5
51
11
2
10 66A
A low ESR (5mΩ) capacitor is suggested. This capacitor
will limit output voltage ripple to 53mV (assuming ESR
dominate ripple).
PC Board Layout Checklist
The basic PC board layout requires a dedicated ground
plane layer. Also, for high current, a multilayer board
provides heat sinking for power components.
• The ground plane layer should not have any traces and
it should be as close as possible to the layer with power
MOSFETs.
• Place CIN, switch A, switch B and D1 in one com-
pact area. Place COUT, switch C, switch D and D2 in
one compact area. One layout example is shown in
Figure 10.
GND
VOUT
COUT
L
RSENSE
3780 F10
QD
QC
QB
QA
SW2
SW1
D1
D2
VIN
CIN
LTC3780
CKT
Figure 10. Switches Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com