Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ISOSQTP Datasheet(PDF) 55 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 55 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 51Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 52Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 53Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 54Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 55Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 56Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 57Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 58Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 53
PIC18F2525/2620/4525/4620
5.0
MEMORY ORGANIZATION
There are three types of memory in PIC18 enhanced
microcontroller devices:
• Program Memory
• Data RAM
• Data EEPROM
As Harvard architecture devices, the data and program
memories use separate busses; this allows for con-
current access of the two memory spaces. The data
EEPROM, for practical purposes, can be regarded as
a peripheral device, since it is addressed and accessed
through a set of control registers.
Additional detailed information on the operation of the
Flash program memory is provided in Section 7.0
“Flash
Program
Memory”.
Data
EEPROM
is
discussed separately in Section 6.0 “Data EEPROM
Memory”.
5.1
Program Memory Organization
PIC18 microcontrollers implement a 21-bit program
counter, which is capable of addressing a 2-Mbyte
program memory space. Accessing a location between
the upper boundary of the physically implemented
memory and the 2-Mbyte address will return all ‘0’s (a
NOP
instruction).
The
PIC18F2525
and
PIC18F4525
each
have
48 Kbytes of Flash memory and can store up to 24,576
single-word
instructions.
The
PIC18F2620
and
PIC18F4620 each have 64 Kbytes of Flash memory
and can store up to 32,768 single-word instructions.
PIC18 devices have two interrupt vectors. The Reset
vector address is at 0000h and the interrupt vector
addresses are at 0008h and 0018h.
The program memory maps for PIC18FX525 and
PIC18FX620 devices are shown in Figure 5-1.
FIGURE 5-1:
PROGRAM MEMORY MAP AND STACK FOR PIC18F2525/2620/4525/4620 DEVICES
PC<20:0>
Stack Level 1
•
Stack Level 31
Reset Vector
Low-Priority Interrupt Vector
•
•
CALL,RCALL,RETURN
RETFIE,RETLW
21
0000h
0018h
On-Chip
Program Memory
High-Priority Interrupt Vector 0008h
1FFFFFh
C000h
BFFFh
Read ‘0’
200000h
PC<20:0>
Stack Level 1
•
Stack Level 31
Reset Vector
Low-Priority Interrupt Vector
•
•
CALL,RCALL,RETURN
RETFIE,RETLW
21
0000h
0018h
10000h
FFFFh
On-Chip
Program Memory
High-Priority Interrupt Vector 0008h
Read ‘0’
1FFFFFh
200000h
PIC18FX525
PIC18FX620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com