Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ISOSQTP Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 63Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 64Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 65Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 66Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 67Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 68Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 69Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 70Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 65
PIC18F2525/2620/4525/4620
SPBRGH
EUSART Baud Rate Generator Register High Byte
0000 0000
51, 206
SPBRG
EUSART Baud Rate Generator Register Low Byte
0000 0000
51, 206
RCREG
EUSART Receive Register
0000 0000
51, 213
TXREG
EUSART Transmit Register
0000 0000
51, 211
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
0000 0010
51, 202
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
0000 000x
51, 203
EEADRH
—
—
—
—
—
—
EEPROM Addr Register High ---- --00
51, 73
EEADR
EEPROM Address Register
0000 0000
51, 80, 73
EEDATA
EEPROM Data Register
0000 0000
51, 80, 73
EECON2
EEPROM Control Register 2 (not a physical register)
0000 0000
51, 80, 73
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
xx-0 x000
51, 81, 74
IPR2
OSCFIP
CMIP
—
EEIP
BCLIP
HLVDIP
TMR3IP
CCP2IP
11-1 1111
52, 119
PIR2
OSCFIF
CMIF
—
EEIF
BCLIF
HLVDIF
TMR3IF
CCP2IF
00-0 0000
52, 115
PIE2
OSCFIE
CMIE
—
EEIE
BCLIE
HLVDIE
TMR3IE
CCP2IE
00-0 0000
52, 117
IPR1
PSPIP(2)
ADIP
RCIP
TXIP
SSPIP
CCP1IP
TMR2IP
TMR1IP
1111 1111
52, 118
PIR1
PSPIF(2)
ADIF
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF
TMR1IF
0000 0000
52, 114
PIE1
PSPIE(2)
ADIE
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
0000 0000
52, 116
OSCTUNE
INTSRC
PLLEN(3)
—
TUN4
TUN3
TUN2
TUN1
TUN0
00-0 0000
27, 52
TRISE(2)
IBF
OBF
IBOV
PSPMODE
—
TRISE2
TRISE1
TRISE0
0000 -111
52, 104
TRISD(2)
PORTD Data Direction Control Register
1111 1111
52, 100
TRISC
PORTC Data Direction Control Register
1111 1111
52, 97
TRISB
PORTB Data Direction Control Register
1111 1111
52, 94
TRISA
TRISA7(5)
TRISA6(5)
Data Direction Control Register for PORTA
1111 1111
52, 91
LATE(2)
—
—
—
—
—
PORTE Data Latch Register
(Read and Write to Data Latch)
---- -xxx
52, 103
LATD(2)
PORTD Data Latch Register (Read and Write to Data Latch)
xxxx xxxx
52, 100
LATC
PORTC Data Latch Register (Read and Write to Data Latch)
xxxx xxxx
52, 97
LATB
PORTB Data Latch Register (Read and Write to Data Latch)
xxxx xxxx
52, 94
LATA
LATA7(5)
LATA6(5)
PORTA Data Latch Register (Read and Write to Data Latch)
xxxx xxxx
52, 91
PORTE
—
—
—
—RE3(4)
RE2(2)
RE1(2)
RE0(2)
---- xxxx
52, 103
PORTD(2)
RD7
RD6
RD5
RD4
RD3
RD2
RD1
RD0
xxxx xxxx
52, 100
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
52, 97
PORTB
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
52, 94
PORTA
RA7(5)
RA6(5)
RA5
RA4
RA3
RA2
RA1
RA0
xx0x 0000
52, 91
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F2525/2620/4525/4620) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details on
page:
Legend:
x
= unknown, u = unchanged, — = unimplemented, q = value depends on condition
Note
1:
The SBOREN bit is only available when the BOREN1:BOREN0 Configuration bits = 01; otherwise, it is disabled and reads as ‘0’. See
Section 4.4 “Brown-out Reset (BOR)”.
2:
These registers and/or bits are not implemented on 28-pin devices and are read as ‘0’. Reset values are shown for 40/44-pin devices;
individual unimplemented bits should be interpreted as ‘-’.
3:
The PLLEN bit is only available in specific oscillator configurations; otherwise, it is disabled and reads as ‘0’. See Section 2.6.4 “PLL in
INTOSC Modes”.
4:
The RE3 bit is only available when Master Clear Reset is disabled (MCLRE Configuration bit = 0); otherwise, RE3 reads as ‘0’. This bit is
read-only.
5:
RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary oscillator modes.
When disabled, these bits read as ‘0’.
6:
Bit 7 and bit 6 are cleared by user software or by a POR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com