Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2525ISOSQTP Datasheet(PDF) 77 Page - Microchip Technology

Part # PIC18F2525ISOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  412 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2525ISOSQTP Datasheet(HTML) 77 Page - Microchip Technology

Back Button PIC18F2525ISOSQTP Datasheet HTML 73Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 74Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 75Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 76Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 77Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 78Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 79Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 80Page - Microchip Technology PIC18F2525ISOSQTP Datasheet HTML 81Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 412 page
background image
© 2008 Microchip Technology Inc.
DS39626E-page 75
PIC18F2525/2620/4525/4620
6.3
Reading the Data EEPROM
Memory
To read a data memory location, the user must write the
address to the EEADRH:EEADR register pair, clear the
EEPGD control bit (EECON1<7>) and then set control
bit, RD (EECON1<0>). The data is available on the
very next instruction cycle; therefore, the EEDATA
register can be read by the next instruction. EEDATA
will hold this value until another read operation, or until
it is written to by the user (during a write operation).
The basic process is shown in Example 6-1.
6.4
Writing to the Data EEPROM
Memory
To write an EEPROM data location, the address must
first be written to the EEADRH:EEADR register pair
and the data written to the EEDATA register. The
sequence in Example 6-2 must be followed to initiate
the write cycle.
The write will not begin if this sequence is not exactly
followed (write 55h to EECON2, write 0AAh to
EECON2, then set WR bit) for each byte. It is strongly
recommended that interrupts be disabled during this
code segment.
Additionally, the WREN bit in EECON1 must be set to
enable writes. This mechanism prevents accidental
writes to data EEPROM due to unexpected code
execution (i.e., runaway programs). The WREN bit
should be kept clear at all times, except when updating
the EEPROM. The WREN bit is not cleared by
hardware.
After a write sequence has been initiated, EECON1,
EEADRH:EEADR and EEDATA cannot be modified.
The WR bit will be inhibited from being set unless the
WREN bit is set. The WREN bit must be set on a
previous instruction. Both WR and WREN cannot be
set with the same instruction.
At the completion of the write cycle, the WR bit is
cleared in hardware and the EEPROM Interrupt Flag
bit, EEIF, is set. The user may either enable this
interrupt, or poll this bit. EEIF must be cleared by
software.
6.5
Write Verify
Depending on the application, good programming
practice may dictate that the value written to the mem-
ory should be verified against the original value. This
should be used in applications where excessive writes
can stress bits near the specification limit.
EXAMPLE 6-1:
DATA EEPROM READ
EXAMPLE 6-2:
DATA EEPROM WRITE
MOVLW
DATA_EE_ADDRH
;
MOVWF
EEADRH
; Upper bits of Data Memory Address to read
MOVLW
DATA_EE_ADDR
;
MOVWF
EEADR
; Lower bits of Data Memory Address to read
BCF
EECON1, EEPGD
; Point to DATA memory
BCF
EECON1, CFGS
; Access EEPROM
BSF
EECON1, RD
; EEPROM Read
MOVF
EEDATA, W
; W = EEDATA
MOVLW
DATA_EE_ADDRH
;
MOVWF
EEADRH
; Upper bits of Data Memory Address to write
MOVLW
DATA_EE_ADDR
;
MOVWF
EEADR
; Lower bits of Data Memory Address to write
MOVLW
DATA_EE_DATA
;
MOVWF
EEDATA
; Data Memory Value to write
BCF
EECON1, EPGD
; Point to DATA memory
BCF
EECON1, CFGS
; Access EEPROM
BSF
EECON1, WREN
; Enable writes
BCF
INTCON, GIE
; Disable Interrupts
MOVLW
55h
;
Required
MOVWF
EECON2
; Write 55h
Sequence
MOVLW
0AAh
;
MOVWF
EECON2
; Write 0AAh
BSF
EECON1, WR
; Set WR bit to begin write
BSF
INTCON, GIE
; Enable Interrupts
; User code execution
BCF
EECON1, WREN
; Disable writes on write complete (EEIF set)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com