Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS340RT Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # SS340RT
Description  Magnetic Sensors Line Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS340RT Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button SS340RT Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 5Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 6Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 7Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 8Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 9Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
sensing.honeywell.com
Magnetic Sensors Line Guide
SR3 Series
SR4 Series
Description
Hall-effect digital position sensor
magnetoresistive digital position sensor
Package material and style
plastic threaded barrel
plastic threaded barrel
Magnetic actuation
unipolar, bipolar
omnipolar
Operation
proximity to external magnet
proximity to external magnet
Supply voltage range
4.5 Vdc to 24 Vdc
3.8 Vdc to 30 Vdc
Supply current
10 mA
11 mA
Output type
digital sinking
digital sinking
Operating temperature range
-40 °C to 85 °C [-40 °F to 185 °F]
-40 °C to 85 °C [-40 °F to 185 °F]
Value-added hall-
effect sensors
1GT Series
SR16/SR17 Series
Description
Hall-effect sensor
low-cost Hall-effect vane sensor
Package material and style
plastic probe
SR16: plastic dual tower with variety of terminations
SR17: plastic side-mount wire exit
Magnetic actuation
Operation
ferrous metal actuator
ferrous metal actuator
Supply voltage range
4.5 Vdc to 26.5 Vdc (inclusive)
3.8 Vdc to 30 Vdc
Supply current
20 mA max.
10 mA max.
Output type
digital sinking
digital sinking
Operating temperature range
-40 °C to 150 °C [-40 °F to 302 °F]
-20 °C to 85 °C [-4 °F to 185 °F]
Value-added hall-
effect sensors
103SR Series (Digital)
103SR Series (Linear)
Description
Hall-effect digital position sensor
Hall-effect linear position sensor
Package material and style
aluminum threaded barrel
aluminum threaded barrel
Magnetic actuation
unipolar, bipolar, latching
linear
Operation
proximity to external magnet
proximity to external magnet
Supply voltage range
4.5 Vdc to 24 Vdc
4.5 Vdc to 10.5 Vdc
Supply current
4 mA to 10 mA (inclusive)
7 mA
Output type
digital sinking
ratiometric sinking/sourcing
Operating temperature range
-40 °C to 100 °C [-40 °F to 212 °F]
-40 °C to 100 °C [-40 °F to 212 °F]
Value-added hall-
effect sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com