Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS340RT Datasheet(PDF) 2 Page - Honeywell Solid State Electronics Center

Part # SS340RT
Description  Magnetic Sensors Line Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS340RT Datasheet(HTML) 2 Page - Honeywell Solid State Electronics Center

  SS340RT Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 5Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 6Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 7Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 8Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
sensing.honeywell.com
SL353 Series
Description
micropower omnipolar digital Hall-effect sensor IC
Magnetic actuation type
omnipolar
Package material and style
plastic surface mount (SOT-23)
Supply voltage range
2.2 Vdc to 5.5 Vdc
Supply current
SL353LT: 1.8 µA typ. at 2.8 Vdc
SL353HT: 0.33 mA typ. at 2.8 Vdc
Output type
digital
Operating temperature range
-40 °C to 85 °C [-40 °F to 185 °F]
SS30AT/SS40A/SS50AT
SS340RT/SS440R Series
Description
low-cost bipolar Hall-effect digital
sensor IC
unipolar Hall-effect digital sensor IC
Magnetic actuation type
bipolar
unipolar: SS340RT: North pole
unipolar: SS440R: South pole
Package material and style
SS30AT: plastic surface mount (SOT-23)
SS40A: plastic radial lead (flat TO-92-style)
SS50AT: plastic surface mount (SOT-89B)
SS340RT: plastic surface mount (SOT-23)
SS440R: plastic radial lead (flat TO-92-style)
Supply voltage range
4.5 Vdc to 24 Vdc
3 Vdc to 24 Vdc, except SS340RT
>125 °C [257 °F]: 3 Vdc to 12 Vdc
Supply current
10 mA max.
8 mA
Output type
digital sinking
digital sinking
Operating temperature range
SS40A: -40 °C to 125 °C
[-40 °F to 257 °F]
SS30AT/SS50AT: -40 °C to 125 °C
[-40 °F to 257 °F]
SS440R (3 Vdc to 24 Vdc):
-40 °C to 150 °C [-40 °F to 302 °F]
SS340RT (3 Vdc to 24 Vdc):
-40 °C to 125 °C [-40 °F to 257 °F]
SS340RT (3 Vdc to 12 Vdc):
-40°C to 150 °C [-40°C to 302 °F]
Precision. Repeatability.
Ruggedness.
Each Honeywell S&C magnetic
sensor IC is engineered to
provide top performance:
hall-effect sensor Ics
are
constructed from a thin sheet of
conductive material with output
connections perpendicular to
the direction of current flow.
Magnetoresistive sensor Ics
have a built-in magnetoresistive
bridge integrated on silicon,
encapsulated in a plastic
package. The sensitive
integrated circuit responds
to low (25 G max.) fields at
distances up to 1 inch.
hall-effect vane sensor Ics
consist of a magnet and a Hall-
effect sensor inside a rugged
plastic housing. Different
package styles provide
mounting flexibility.
Gear tooth sensors
use a
magnetically biased Hall-
effect IC to sense movement
of ferrous metal targets. The
specially designed IC is sealed
in a durable plastic probe-type
package.
Additional built-in benefits:
true solid state, extended
life (30 billion operations in a
module test program), high
speed operation (over 100
kHz), stationary input (zero
speed), no moving parts, logic
compatible output, and broad
temperature range (-40 °C to
150 °C, -40 °F to 302 °F).
Magnetic Sensors Line Guide
Low power hall-
effect sensor Ics -
digital
hall-effect sensor
Ics - digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com