Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS340RT Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # SS340RT
Description  Magnetic Sensors Line Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS340RT Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  SS340RT Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 5Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 6Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 7Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 8Page - Honeywell Solid State Electronics Center SS340RT Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
sensing.honeywell.com
1
You know us as a leader,
whether you’ve known us as MICRO
SWITCH™ or Honeywell Sensing and Control (S&C). In 1968,
we revolutionized the industry with the first solid-state keyboard
combining Hall-effect sensing and associated electronics in
a single circuit. Today, the Honeywell S&C family of magnetic
position sensors includes digital and analog Hall-effect position,
magnetoresistive digital, Hall-effect vane, gear-tooth, and Hall-
effect basic switches and magnets. These high-speed, extended
life sensors are often directly compatible with other electronic
FEATURES
Low PowER hALL-EFFEcT
SEnSoR IcS - DIGITAL
SL353 Series.
Features:
Energy efficient • Push-pull
output • Non-chopper stabilized design
• Omnipolar magnetics • Thermally
balanced integrated circuit • Subminiature
package size • Simple activation from a
North pole or a South pole • Tape and reel
packaging
Benefits:
Supply voltage as low as 2.2
Vdc, combined with very low average
current of 1.8 μA typ., reduces power
consumption, provides extended battery
life, and promotes energy efficiency.
Push-pull output does not require external
pull-up resistor, simplifying interface
with common electrical circuits and
potentially reducing PC board space and
costs to the customer. Does not utilize
chopper stabilization, eliminating the
noise generated by products using this
technique, meaning that customers do not
need filters to compensate for the noise.
Omnipolar capability with high and low duty
cycle options allows for use in a variety
of potential applications with low power
requirements and/or battery operation.
Thermally balanced integrated circuit
provides for stable operation over a wide
Magnetic Sensors
Line Guide
continued on page 9
temperature range, of -40° to 85 °C
[-40° to 185 °F]. SOT-23 subminiature
package requires less PCB space, allowing
for use in smaller assemblies. North pole
or South pole operation does not require
the magnet polarity to be identified, making
installation easier and potentially reducing
system costs. Supplied on tape and reel
which allows for a compact design with
automated component placement, helping
to reduce manufacturing costs. Potential
applications include motion control, lid
closure detection, presence-absence,
metering, and displacement sensing on
battery-operated, mobile equipment such
as computer notebooks, scanners, hand-
held industrial computers, instrumentation
and appliances.
hALL-EFFEcT SEnSoR IcS -
DIGITAL
SS30AT/SS40A/SS50AT.
Features:
Bipolar magnetics • Sinking
output • High output current capability
• High speed capability • Reverse
polarity protection • Small through-hole
and surface mount (SOT-23 and SOT-89)
packages • Tape and reel available
Benefits:
Integrated circuitry provides
enhanced temperature stability in a robust
design. Thermally balanced integrated
circuit over full temperature range. Built-in
regulator provides stable operation over
supply voltage range. Open-collector
sinking output voltage easily interfaces with
wide variety of electronic circuits. Internal
circuitry prevents sensor damage in case
supply voltage polarity is accidentally
reversed. Potential applications include
speed and RPM sensing, brushless dc
motor commutation, motor and fan control,
magnetic encoding, disc speed, tape
rotation, and flow-rate sensing.
SS311PT/SS411P.
Features:
Bipolar magnetics • Enhanced
sensitivity • Built-in pull-up resistor • Low
voltage: 2.7 Vdc to 7 Vdc • Subminiature
package size (SS311PT) • Through-hole
and surface-mount (SOT-23 and SOT-89)
packages • Cost effective
Benefits:
Enhanced sensitivity often allows
for use of smaller, less expensive magnets.
Built-in pull-up resistor easily interfaces with
common electronic circuits without adding
external components, helping to reduce
total system cost. 2.7 Vdc to 7 Vdc supply
voltage range allows use in low voltage
applications, promoting energy efficiency.
circuits, responding to the presence or the interruption of a
magnetic field by producing a proportional output. Gear-tooth
and other packaged Hall-effect speed and direction sensors
sense movements of a ferrous metal target. Digital and analog
“sensor-only” devices are operated by a permanent magnet
or electromagnet, while actuation mode depends on the type
of magnets used. A vane passing through a gap or a magnet
mounted on a plastic plunger operates integral magnet position
sensors.


Similar Part No. - SS340RT

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
SS340RT HONEYWELL-SS340RT Datasheet
442Kb / 4P
Unipolar Hall-Effect Digital Position Sensors
More results

Similar Description - SS340RT

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
135-105QAF-J01 HONEYWELL-135-105QAF-J01 Datasheet
689Kb / 11P
Temperature Sensors Line Guide
R300 HONEYWELL-R300 Datasheet
736Kb / 11P
Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
HOA0901-012 HONEYWELL-ACC-HOA0901-012 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
135-502FAF-J10 HONEYWELL-ACC-135-502FAF-J10 Datasheet
689Kb / 11P
Temperature Sensors Line Guide
ICL1250002-01 HONEYWELL-ACC-ICL1250002-01 Datasheet
689Kb / 11P
Temperature Sensors Line Guide
HOA7720-M22 HONEYWELL-ACC-HOA7720-M22 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
logo
Honeywell Solid State E...
SD5410-001 HONEYWELL-SD5410-001 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
SE1450-004 HONEYWELL-SE1450-004 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD1420-002 HONEYWELL-ACC-SD1420-002 Datasheet
1Mb / 18P
Infrared Sensors Line Guide
HEL-776-A-U-0 HONEYWELL-ACC-HEL-776-A-U-0 Datasheet
689Kb / 11P
Temperature Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com