Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8548ECPXATHB Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MPC8548ECPXATHB
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECPXATHB Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECPXATHB Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8548ECPXATHB Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
70
Freescale Semiconductor
High-Speed Serial Interfaces (HSSI)
Figure 43 shows the SerDes reference clock connection reference circuits for HCSL type clock driver. It
assumes that the DC levels of the clock driver chip is compatible with SerDes reference clock input’s DC
requirement.
Figure 43. DC-Coupled Differential Connection with HCSL Clock Driver (Reference Only)
Figure 44 shows the SerDes reference clock connection reference circuits for LVDS type clock driver.
Since LVDS clock driver’s common mode voltage is higher than the SerDes reference clock input’s
allowed range (100–400 mV), AC-coupled connection scheme must be used. It assumes the LVDS output
driver features 50-
termination resistor. It also assumes that the LVDS transmitter establishes its own
common mode level without relying on the receiver or other external component.
Figure 44. AC-Coupled Differential Connection with LVDS Clock Driver (Reference Only)
Figure 45 shows the SerDes reference clock connection reference circuits for LVPECL type clock driver.
Since LVPECL driver’s DC levels (both common mode voltages and output swing) are incompatible with
the SerDes reference clock input’s DC requirement, AC-coupling must be used. Figure 45 assumes that
the LVPECL clock driver’s output impedance is 50
R1 is used to DC-bias the LVPECL outputs prior
50
50
SD_REF_CLK
SD_REF_CLK
Clock Driver
100
Differential PWB Trace
Clock driver vendor dependent
source termination resistor
CLK_Out
CLK_Out
HCSL CLK Driver Chip
33
33
Total 50
Assume clock driver’s
output impedance is about 16

MPC8548E
CLK_Out
SerDes Refer.
CLK Receiver
Clock Driver
SD_REF_CLK
SD_REF_CLK
Clock Driver
100
Differential PWB Trace
CLK_Out
CLK_Out
LVDS CLK Driver Chip
10 nF
10 nF
MPC8548E
SerDes Refer.
CLK Receiver
50
50
Clock Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com